전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD140 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 BD140
상세설명  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD140 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  BD140 Datasheet HTML 1Page - Fairchild Semiconductor BD140 Datasheet HTML 2Page - Fairchild Semiconductor BD140 Datasheet HTML 3Page - Fairchild Semiconductor BD140 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
-10
-100
-1000
0
10
20
30
40
50
60
70
80
90
100
VCE = -2V
IC[mA], COLLECTOR CURRENT
-1E-3
-0.01
-0.1
-1
-10
-0
-50
-100
-150
-200
-250
-300
-350
-400
-450
-500
IC[A], COLLECTOR CURRENT
-1E-3
-0.01
-0.1
-1
-10
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
-1.1
VBE
(on)
VCE
=
-5V
VBE
(sat
)
IC =
10
IB
IC[A], COLLECTOR CURRENT
-1
-10
-100
-0.01
-0.1
-1
-10
10us
IC MAX. (Pulsed)
IC MAX. (Continuous)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
TC[
o
C], CASE TEMPERATURE


유사한 부품 번호 - BD140

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BD140 MOTOROLA-BD140 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
ON Semiconductor
BD140 ONSEMI-BD140 Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
logo
Inchange Semiconductor ...
BD140 ISC-BD140 Datasheet
189Kb / 2P
   isc Silicon PNP Power Transistor
logo
NXP Semiconductors
BD140 PHILIPS-BD140 Datasheet
44Kb / 8P
   PNP power transistors
1999 Apr 12
logo
KEC(Korea Electronics)
BD140 KEC-BD140 Datasheet
36Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

유사한 설명 - BD140

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com