전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U10A2CIC 데이터시트(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

부품명 U10A2CIC
상세설명  10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U10A2CIC 데이터시트(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  U10A2CIC Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U10A2CIC Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
10.0
10.0
100
1.3
1.7
0.98
35
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Unit : inch (mm)
®
U10A2CIC thru U10A6CIC
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
U10A2CIC thru U10A6CIC
Pb
10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Diodes
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "A"
Suffix "D"
Suffix "C"
U10A2CIC
ITO-220AB
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
Tandem Polarity
U10A4CIC U10A6CIC
Rev.04
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Isolation ITO-220AB full plastic
High surge current capability
Weight: 2.03 gram approxiamtely
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Glass passivation pellet


유사한 부품 번호 - U10A2CIC

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
U10A2CIC KEC-U10A2CIC Datasheet
69Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
U10A2CIC KEC-U10A2CIC Datasheet
153Kb / 1P
   TO-220IS PACKAGE
U10A2CIC KEC-U10A2CIC Datasheet
452Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A2CIC KEC-U10A2CIC_02 Datasheet
153Kb / 1P
   TO-220IS PACKAGE
U10A2CIC KEC-U10A2CIC_07 Datasheet
452Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
More results

유사한 설명 - U10A2CIC

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
MUR1080FCT THINKISEMI-MUR1080FCT Datasheet
362Kb / 2P
   10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
MURF1080CT THINKISEMI-MURF1080CT Datasheet
456Kb / 2P
   10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
MUR1020FCT THINKISEMI-MUR1020FCT Datasheet
840Kb / 2P
   10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
MURF1020CT-N THINKISEMI-MURF1020CT-N Datasheet
637Kb / 2P
   10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
R10U02DF THINKISEMI-R10U02DF Datasheet
275Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.12T
MUR1020FCT THINKISEMI-MUR1020FCT_V01 Datasheet
286Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
URF1020C THINKISEMI-URF1020C Datasheet
289Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
10F20HF3 THINKISEMI-10F20HF3 Datasheet
270Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
SDURF1020CT THINKISEMI-SDURF1020CT_V01 Datasheet
270Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
MURF1020CT THINKISEMI-MURF1020CT Datasheet
389Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com