전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

38711-2222 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 38711-2222
상세설명  9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 22Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

38711-2222 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  38711-2222 Datasheet HTML 1Page - Molex Electronics Ltd. 38711-2222 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
38711-2222
Status:
Active
Overview:
Beau™ Barrier Strips
Description:
9.53mm Pitch Beau™ PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 22
Circuits
Documents:
3D Model
Product Specification PS-38710-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
38711
Application
N/A
Component Type
One Piece
Overview
Beau™ Barrier Strips
Product Name
Fixed Mount Barrier
Type
Barrier Strip
UPC
800756294872
Physical
Circuits (Loaded)
22
Circuits (maximum)
22
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Horizontal
PC Tail Length
11.90mm
PCB Retention
Yes
Panel Mount
No
Pitch - Mating Interface
9.53mm
Pitch - Termination Interface
9.53mm
Polarized to Mating Part
No
Shrouded
Dual-Barrier
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +130°C
Termination Interface: Style
Screw or Lug
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.50 - 1.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Old Part Number
71722
Reference - Drawing Numbers
Product Specification
PS-38710-001
Sales Drawing
SD-38711-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38711Series


유사한 부품 번호 - 38711-2222

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
38711-2220 MOLEX11-38711-2220 Datasheet
40Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 20Circuits
38711-2224 MOLEX11-38711-2224 Datasheet
39Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 24Circuits
38711-2225 MOLEX11-38711-2225 Datasheet
39Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 25Circuits
38711-2226 MOLEX11-38711-2226 Datasheet
39Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 26Circuits
More results

유사한 설명 - 38711-2222

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
38711-2212 MOLEX11-38711-2212 Datasheet
40Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 12Circuits
38711-2224 MOLEX11-38711-2224 Datasheet
39Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 24Circuits
38711-2226 MOLEX11-38711-2226 Datasheet
39Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 26Circuits
38711-2220 MOLEX11-38711-2220 Datasheet
40Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 20Circuits
38711-2210 MOLEX11-38711-2210 Datasheet
40Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 10Circuits
38711-2225 MOLEX11-38711-2225 Datasheet
39Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 25Circuits
38711-2203 MOLEX11-38711-2203 Datasheet
40Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 3 Circuits
38711-2208 MOLEX11-38711-2208 Datasheet
39Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 8 Circuits
38711-2211 MOLEX11-38711-2211 Datasheet
39Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 11 Circuits
38711-2217 MOLEX11-38711-2217 Datasheet
39Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 17 Circuits
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com