전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-4200-300 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-4200-300
상세설명  Optically Coupled 20 mA Current Loop Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4200-300 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4200-300 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-300 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-300 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Switching Specifications
For 0°C ≤ T
A
≤ 70°C, 4.5 V ≤ V
CC
≤ 20 V, V
E
= 0.8 V, all typicals at T
A
= 25°C and V
CC
= 5 V unless otherwise noted. See note 13.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time
t
PLH
0.23
1.6
μs
V
E
= 0 V,
8, 9,
7
to Logic High Output Level
C
L
= 15 pF
10
Propagation Delay Time
t
PHL
0.17
1.0
μs
V
E
= 0 V,
8, 9,
8
to Logic Low Output Level
C
L
= 15 pF
10
Propagation Delay Time
t
PLH
- t
PHL
60
ns
I
I
= 20 mA,
8, 9,
Skew
C
L
= 15 pF
10
Output Enable Time to
t
PZL
25
ns
I
I
= 0 mA,
12, 13,
Logic Low Level
C
L
= 15 pF
15
Output Enable Time to
t
PZH
28
ns
I
I
= 20 mA,
12, 13,
Logic High Level
C
L
= 15 pF
14
Output Disable Time to
t
PLZ
60
ns
I
I
= 0 mA,
12, 13,
Logic Low Level
C
L
= 15 pF
15
Output Disable Time to
t
PHZ
105
ns
I
I
= 20 mA,
12, 13,
Logic High Level
C
L
= 15 pF
14
Output Rise Time
t
r
55
ns
V
CC
= 5 V,
8, 9,
9
(10-90%)
C
L
= 15 pF
11
Output Fall Time
t
f
15
ns
V
CC
= 5 V,
8, 9,
10
(90-10%)
C
L
= 15 pF
11
Common Mode Transient
|CM
H
|
1,000
10,000
V/μs
V
CM
= 50 V (peak)
16
11
Immunity at Logic High
I
I
= 12 mA,
Output Level
T
A
= 25°C
Common Mode Transient
|CM
L
|
1,000
10,000
V/μs
V
CM
= 50 V (peak)
16
12
Immunity at Logic Low
I
I
= 3 mA,
Output Level
T
A
= 25°C
Package Characteristics
For 0°C ≤ T
A
≤ 70°C, unless otherwise specified. All typicals at T
A
= 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Notes
Input-Output Momentary
V
ISO
3750
V rms
RH ≤ 50%, t = 1 min,
6, 14
Withstand Voltage*
T
A
= 25°C
Resistance, Input-Output
R
I-O
1012
ohms
V
I-O
= 500 V dc
6
Capacitance, Input-Output
C
I-O
1.0
pF
f = 1 MHz, V
I-O
= 0 V
6
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous volt-
age rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your equipment
level safety specification, or Avago Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”


유사한 부품 번호 - HCPL-4200-300

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300E AVAGO-HCPL-4200-300E Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
More results

유사한 설명 - HCPL-4200-300

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
logo
Agilent(Hewlett-Packard...
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com