전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74505 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 74505
상세설명  11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

74505 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  74505 Datasheet HTML 1Page - Molex Electronics Ltd. 74505 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
38740-6105
Status:
Active
Overview:
Beau™ Barrier Strips
Description:
11.11mm Pitch Beau™ PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 5
Circuits
Documents:
3D Model
Product Specification PS-38730-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
38740
Application
N/A
Component Type
One Piece
Overview
Beau™ Barrier Strips
Product Name
Fixed Mount Barrier
Type
Barrier Strip
UPC
800756319421
Physical
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
No
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester Alloy
Number of Rows
1
Orientation
Horizontal
PC Tail Length
5.50mm
PCB Retention
Yes
PCB Thickness - Recommended
2.40mm
Panel Mount
No
Pitch - Mating Interface
11.11mm
Pitch - Termination Interface
11.11mm
Polarized to Mating Part
No
Stackable
No
Temperature Range - Operating
-40°C to +130°C
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.50 - 1.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
74505
Reference - Drawing Numbers
Product Specification
PS-38730-001
Sales Drawing
SD-38740-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38740Series


유사한 부품 번호 - 74505

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74505 MOLEX5-74505 Datasheet
595Kb / 4P
   11.11mm (.437") Pitch Beau??PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 5 Circuits
More results

유사한 설명 - 74505

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
38740-6109 MOLEX11-38740-6109 Datasheet
40Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6106 MOLEX11-38740-6106 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6108 MOLEX11-38740-6108 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6102 MOLEX11-38740-6102 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6110 MOLEX11-38740-6110 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6111 MOLEX11-38740-6111 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6103 MOLEX11-38740-6103 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6104 MOLEX11-38740-6104 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6128 MOLEX11-38740-6128 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 28
38740-6113 MOLEX11-38740-6113 Datasheet
40Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 13
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com