전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC91 데이터시트(PDF) 1 Page - Hitachi Semiconductor

부품명 74HC91
상세설명  8-bit Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74HC91 데이터시트(HTML) 1 Page - Hitachi Semiconductor

  74HC91 Datasheet HTML 1Page - Hitachi Semiconductor 74HC91 Datasheet HTML 2Page - Hitachi Semiconductor 74HC91 Datasheet HTML 3Page - Hitachi Semiconductor 74HC91 Datasheet HTML 4Page - Hitachi Semiconductor 74HC91 Datasheet HTML 5Page - Hitachi Semiconductor 74HC91 Datasheet HTML 6Page - Hitachi Semiconductor 74HC91 Datasheet HTML 7Page - Hitachi Semiconductor 74HC91 Datasheet HTML 8Page - Hitachi Semiconductor 74HC91 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74HC91
8-bit Shift Register
Description
This serial-in, serial-out, 8-bit shift register is composed of eight R-S master-slave flip-flops, input gating,
and a clock drive. Single-rail data and input control are gated through inputs A and B and an internal
inverter to form the complementary inputs to the first bit of the shift register. Drive for the internal
common clock line is provided by an inverting clock driver. This clock pulse inverter/driver causes these
circuits to shift information one bit on the positive edge of an input clock pulse.
Features
• High Speed Operation: t
pd (Data Word Input to Output) = 21 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
Function Table
Inputs
Outputs
t
n
t
n + 8
AB
Q
H
Q
H
HH
H
L
LX
L
H
XL
L
H
X :
Irrelevant
t
n
:
Reference bit time, clock low
t
n + 8:
Bit time after 8 low-to-high clock transitions


유사한 부품 번호 - 74HC91

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC91 PHILIPS-74HC91 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
December 1990
74HC91 PHILIPS-74HC91 Datasheet
45Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs
December 1990
74HC9114 PHILIPS-74HC9114 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
December 1990
logo
Nexperia B.V. All right...
74HC9114 NEXPERIA-74HC9114 Datasheet
191Kb / 13P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
Rev. 3 - 2 October 2017
74HC9114D NEXPERIA-74HC9114D Datasheet
191Kb / 13P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
Rev. 3 - 2 October 2017
More results

유사한 설명 - 74HC91

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
   8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
   8 BIT SHIFT REGISTER
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
   8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LS166A RENESAS-HD74LS166A Datasheet
101Kb / 8P
   8-bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com