전자부품 데이터시트 검색엔진 |
|
SMBJ120A 데이터시트(PDF) 1 Page - Vishay Siliconix |
|
SMBJ120A 데이터시트(HTML) 1 Page - Vishay Siliconix |
1 / 5 page SMBJ5.0A thru SMBJ188A www.vishay.com Vishay General Semiconductor Revision: 26-Jul-12 1 Document Number: 88392 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Surface Mount TRANSZORB® Transient Voltage Suppressors DEVICES FOR BI-DIRECTION APPLICATIONS For bi-directional devices use CA suffix (e.g. SMBJ10CA). Electrical characteristics apply in both directions. FEATURES • Low profile package • Ideal for automated placement • Glass passivated chip junction • Available in uni-directional and bi-directional • 600 W peak pulse power capability with a 10/1000 μs waveform, repetitive rate (duty cycle): 0.01 % • Excellent clamping capability • Very fast response time • Low incremental surge resistance • Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, and telecommunication. MECHANICAL DATA Case: DO-214AA (SMBJ) Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, AEC-Q101 qualified Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: For uni-directional types the band denotes cathode end, no marking on bi-directional types Notes (1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2. (2) Mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal PRIMARY CHARACTERISTICS VWM 5.0 V to 188 V PPPM 600 W IFSM (uni-directional only) 100 A TJ max. 150 °C DO-214AA (SMB J-Bend) MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Peak pulse power dissipation with a 10/1000 μs waveform (1)(2) (fig. 1) PPPM 600 W Peak pulse current with a 10/1000 μs waveform (1) IPPM See next table A Peak forward surge current 8.3 ms single half sine-wave uni-directional only (2) IFSM 100 A Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C |
유사한 부품 번호 - SMBJ120A |
|
유사한 설명 - SMBJ120A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |