전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD74LV125A 데이터시트(PDF) 6 Page - Hitachi Semiconductor

부품명 HD74LV125A
상세설명  Quad. Bus Buffer Gates with 3-state Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV125A 데이터시트(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74LV125A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HD74LV125A
6
DC Electrical Characteristics
• Ta = –40 to 85°C
Item
Symbol
V
CC (V)*
Min
Typ
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
V
2.3 to 2.7
V
CC × 0.7
3.0 to 3.6
V
CC × 0.7
4.5 to 5.5
V
CC × 0.7
V
IL
2.0
0.5
2.3 to 2.7
V
CC × 0.3
3.0 to 3.6
V
CC × 0.3
4.5 to 5.5
V
CC × 0.3
Output voltage
V
OH
Min to
Max
V
CC – 0.1
V
I
OH = –50 µA
2.3
2.0
I
OH = –2 mA
3.0
2.48
I
OH = –8 mA
4.5
3.8
I
OH = –16 mA
V
OL
Min to
Max
0.1
I
OL = 50 µA
2.3
0.4
I
OL = 2 mA
3.0
0.44
I
OL = 8 mA
4.5
0.55
I
OL = 16 mA
Input current
I
IN
0 to 5.5
±1
µAV
I = 5.5 V or GND
Off-state
output current
I
OZ
5.5
±5
µAV
O = VCC or GND
Quiescent
supply current
I
CC
5.5
20
µAV
I = VCC or GND, IO = 0
Output leakage
current
I
OFF
0—
5
µAV
I or VO = 0 V to 5.5 V
Input
capacitance
C
IN
3.3
3.0
pF
V
I = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.


유사한 부품 번호 - HD74LV125A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125AFPEL RENESAS-HD74LV125AFPEL Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125AFPEL RENESAS-HD74LV125AFPEL Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125ARPEL RENESAS-HD74LV125ARPEL Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125ARPEL RENESAS-HD74LV125ARPEL Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results

유사한 설명 - HD74LV125A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 RENESAS-HD74HC125 Datasheet
104Kb / 9P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
   Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com