전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD74LV126A 데이터시트(PDF) 13 Page - Hitachi Semiconductor

부품명 HD74LV126A
상세설명  Quad. Bus Buffer Gates with 3-state Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV126A 데이터시트(HTML) 13 Page - Hitachi Semiconductor

Back Button HD74LV126A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV126A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV126A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV126A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV126A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV126A Datasheet HTML 11Page - Hitachi Semiconductor HD74LV126A Datasheet HTML 12Page - Hitachi Semiconductor HD74LV126A Datasheet HTML 13Page - Hitachi Semiconductor HD74LV126A Datasheet HTML 14Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
HD74LV126A
13
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TTP-14D
0.05 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0.50
± 0.10
0
° – 8°
6.40
± 0.20
0.10
0.13 M
0.65
17
14
8
5.00
5.30 Max
0.83 Max
*0.22
+0.08
–0.07
0.20
± 0.06
1.0


유사한 부품 번호 - HD74LV126A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126AFPEL RENESAS-HD74LV126AFPEL Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126AFPEL RENESAS-HD74LV126AFPEL Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126ARPEL RENESAS-HD74LV126ARPEL Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126ARPEL RENESAS-HD74LV126ARPEL Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results

유사한 설명 - HD74LV126A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 RENESAS-HD74HC125 Datasheet
104Kb / 9P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
   Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV125A HITACHI-HD74LV125A Datasheet
65Kb / 15P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com