전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEZ1011-2E 데이터시트(PDF) 2 Page - NEC

부품명 NEZ1011-2E
상세설명  2W X, Ku-BAND POWER GaAs MESFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NEZ1011-2E 데이터시트(HTML) 2 Page - NEC

  NEZ1011-2E Datasheet HTML 1Page - NEC NEZ1011-2E Datasheet HTML 2Page - NEC NEZ1011-2E Datasheet HTML 3Page - NEC NEZ1011-2E Datasheet HTML 4Page - NEC NEZ1011-2E Datasheet HTML 5Page - NEC NEZ1011-2E Datasheet HTML 6Page - NEC NEZ1011-2E Datasheet HTML 7Page - NEC NEZ1011-2E Datasheet HTML 8Page - NEC NEZ1011-2E Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
NEZ1011-2E, NEZ1414-2E
RECOMMENDED OPERATING LIMITS
Characteristics
Symbol
Test Condition
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
9.0
9.0
9.0
V
Gain Compression
Gcomp
3
dB
Channel Temperature
Tch
+130
°C
Gate Resistance
Note
Rg
200
1000
1000
Note Rg is the series resistance between the gate supply and the FET gate.
[NEZ1011-2E]
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristics
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Saturated Drain Current
IDSS
VDS = 1.5 V, VGS = 0 V
0.7
1.6
2.5
A
Pinch-off Voltage
Vp
VDS = 2.5 V, IDS = 10 mA
–2.5
–1.3
–0.5
V
Gate to Drain Breakdown Voltage
BVGD
IGD = 10 mA
15
V
Thermal Resistance
Rth
Channel to Case
5.5
7.0
°C/W
Linear Gain
GL
8.0
8.5
dB
Output Power at 1 dB Gain Comp.
Po (1 dB)
33.0
34.0
dBm
Drain Current at 1 dB Gain Comp.
IDS (1 dB)
f = 10.7, 11.2, 11.7 GHz
VDS = 9.0 V
IDS = 0.7 A (RF OFF)
Rg = 1 k
0.8
1.0
A
Power Added Efficiency at 1 dB
Gain Compression Point
η add (1 dB)
30
%
3rd Order Intermodulation
Distortion
IM3
Pout = +27.5 dBm (2 tone)
–40
dBc
[NEZ1414-2E]
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristics
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Saturated Drain Current
IDSS
VDS = 1.5 V, VGS = 0 V
0.7
1.6
3.0
A
Pinch-off Voltage
Vp
VDS = 2.5 V, IDS = 10 mA
–3.0
–1.3
–0.5
V
Gate to Drain Breakdown Voltage
BVGD
IGD = 10 mA
15
V
Thermal Resistance
Rth
Channel to Case
5.5
7.0
°C/W
Linear Gain
GL
7.0
7.5
dB
Output Power at 1 dB Gain Comp.
Po (1 dB)
33.0
34.0
dBm
Drain Current at 1 dB Gain Comp.
IDS (1 dB)
0.8
1.0
A
Power Added Efficiency at 1 dB
Gain Compression Point
η add (1 dB)
f = 14.0 to 14.5 GHz
VDS = 9.0 V
IDS = 0.7 A (RF OFF)
Rg = 1 k
30
%


유사한 부품 번호 - NEZ1011-2E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
NEZ1011-2E RENESAS-NEZ1011-2E Datasheet
161Kb / 6P
   GaAs MES FET
1996
More results

유사한 설명 - NEZ1011-2E

제조업체부품명데이터시트상세설명
logo
NEC
NEZ1011-8E NEC-NEZ1011-8E Datasheet
82Kb / 12P
   8W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
NEC
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
   4W X, Ku-BAND POWER GaAs MESFET
NE960R275 NEC-NE960R275_01 Datasheet
29Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
   Ku-BAND MEDIUM POWER GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
   LOW NOISE KU-BAND GAAS MESFET
NE710 NEC-NE710 Datasheet
279Kb / 7P
   LOW NOISE Ku-K BAND GaAs MESFET
NE760 NEC-NE760 Datasheet
276Kb / 7P
   LOW NOISE KU-K BAND GAAS MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com