전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEZ3642-15D 데이터시트(PDF) 4 Page - NEC

부품명 NEZ3642-15D
상세설명  15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NEZ3642-15D 데이터시트(HTML) 4 Page - NEC

  NEZ3642-15D Datasheet HTML 1Page - NEC NEZ3642-15D Datasheet HTML 2Page - NEC NEZ3642-15D Datasheet HTML 3Page - NEC NEZ3642-15D Datasheet HTML 4Page - NEC NEZ3642-15D Datasheet HTML 5Page - NEC NEZ3642-15D Datasheet HTML 6Page - NEC NEZ3642-15D Datasheet HTML 7Page - NEC NEZ3642-15D Datasheet HTML 8Page - NEC NEZ3642-15D Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
15 W C-BAND Po GaAs FET NEZ SERIES
4
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
110
TC - Case Temperature - ˚C
OUTPUT POWER vs. INPUT POWER
Pout
(dBm)
20
45
Pin - Input Power - dBm
OUTPUT POWER vs. INPUT POWER
20
45
Pin - Input Power - dBm
100
90
80
70
60
50
40
30
20
10
0
25
50
75
100 125 150 175 200
–15D/–15DD
Infinite Heat sink
Pout
ID
40
35
30
ID
(A)
6
5
4
3
EFF
(%)
25
30
35
50
40
30
20
10
0
40
35
30
Pout
(dBm)
ID
(A)
6
5
4
3
EFF
(%)
50
40
30
20
10
0
Pout
ID
EFF
EFF
25
30
35
OUTPUT POWER vs. INPUT POWER
Pout
(dBm)
25
45
Pin - Input Power - dBm
Pout
ID
40
35
30
ID
(A)
5
4
3
2
EFF
(%)
30
35
40
50
40
30
20
10
0
EFF
NEZ3642-15D/15DD
Test Conditions:
Freq = 3.9 (GHz),
VDS = 10.0 (V),
IDS = 4.0 (A)
Pout: Pin = 35.0 (dBm),
GL: Pin = 24.0 (dBm),
Rg = 50 (
Ω)
Test Conditions:
Freq = 4.7 (GHz),
VDS = 10.0 (V),
IDS = 4.0 (A)
Pout: Pin = 37.0 (dBm),
GL: Pin = 26.0 (dBm),
Rg = 50 (
Ω)
NEZ4450-15D/15DD
NEZ5964-15D/15DD
Test Conditions:
Freq = 6.2 (GHz),
VDS = 10.0 (V),
ID = 4.0 (A)
Rg = 50 (
Ω)


유사한 부품 번호 - NEZ3642-15D

제조업체부품명데이터시트상세설명
logo
NEC
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-8D NEC-NEZ3642-8D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-8DD NEC-NEZ3642-8DD Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
More results

유사한 설명 - NEZ3642-15D

제조업체부품명데이터시트상세설명
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com