전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB2012T150 데이터시트(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

부품명 LB2012T150
상세설명  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB2012T150 데이터시트(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LB2012T150 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
12
wound0103_reli-PRP3
wound0103_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
10.Body Strength
LB, LBC, LBR, LBMF Series
No damage.
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
LB・LBC・LBR・CB・CBC・CBL・LBM・LEM2520 Applied force:10N
Duration:10sec.
LB1608・LBMF1608・CBMF1608
Applied force:5N
Duration:10sec.
11.Adhesion of terminal electrode
LB, LBC, LBR, LBMF Series
No abnormality.
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF・LEM2520 Applied force:10N to X and Y directions
Duration:5 sec.
Test substrate:Printed board
LB1608・CBMF1608・LBMF1608
Applied force:5N to X and Y directions
Duration:5 sec.
Test substrate:Printed board
12.Resistance to vibration
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM, LEM Series
Inductance change:Within±5%
No significant abnormality in appearance.
【Test Methods and Remarks】
LEM・LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:According to JIS C5102 clause 8.2.
Vibration type:A
Directions:2 hrs each in X, Y and Z directions. Total:6 hrs
Frequency range:10 to 55 to 10 Hz(1min.)
Amplitude:1.5mm
Mounting method:Soldering onto printed board
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
LEM:Recovery
At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.
13.Drop test
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
LBM Series
LEM Series
Inductance change:Within±5%
No significant abnormality in appearance.
【Test Methods and Remarks】
LEM:
Acceleration:980m/sec2
Duration:6msec
Number of times:6 sides × 3 times
Mounting method:Soldering onto printed board
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
LEM:Recovery
At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.
14.Solderability
LB, LBC, LBR, LBMF Series
At least 90% of surface of terminal electrode is covered by new
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
LEM:
Solder temperature:230±5℃
Duration:5±0.5sec.
Flux:Methanol solution with 25% of colophony
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF: Solder temperature:245±5℃
Duration:5±0.5sec
Flux:Methanol solution with 25% of colophony


유사한 부품 번호 - LB2012T150

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
LB2012T150 TAIYO-YUDEN-LB2012T150 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB2012T150 TAIYO-YUDEN-LB2012T150 Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LB2012T150 TAIYO-YUDEN-LB2012T150 Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB2012T150K TAIYO-YUDEN-LB2012T150K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2012T150K TAIYO-YUDEN-LB2012T150K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results

유사한 설명 - LB2012T150

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com