전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB2518T100 데이터시트(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

부품명 LB2518T100
상세설명  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB2518T100 데이터시트(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  LB2518T100 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LB2518T100 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LB2518T100 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LB2518T100 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LB2518T100 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LB2518T100 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB2518T100 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB2518T100 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB2518T100 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
82
12
wound01_e-02
PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
2518(1007)TYPE
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB C2016T1R0M
RoHS
1.0
±20%
100
0.10
690
7.96
LB C2016T1R5M
RoHS
1.5
80
0.15
600
LB C2016T2R2M
RoHS
2.2
70
0.20
520
LB C2016T3R3M
RoHS
3.3
55
0.27
410
LB C2016T4R7M
RoHS
4.7
45
0.37
355
LB C2016T6R8M
RoHS
6.8
38
0.59
290
LB C2016T100□
RoHS
10
±10%
±20%
32
0.82
245
2.52
LB C2016T150□
RoHS
15
28
1.2
200
LB C2016T220□
RoHS
22
16
1.8
165
LB C2016T330□
RoHS
33
14
2.8
135
LB C2016T470□
RoHS
47
11
4.3
110
LB C2016T680□
RoHS
68
10
7.0
95
LB C2016T101□
RoHS
100
8
8.0
75
0.796
・□Please specify the Inductance tolerance code(K or M)
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB R2518T1R0M
RoHS
1.0
±20%
100
0.045
960
7.96
LB R2518T2R2M
RoHS
2.2
68
0.07
480
LB R2518T4R7M
RoHS
4.7
45
0.10
345
LB R2518T100□
RoHS
10
±10%
±20%
30
0.19
235
2.52
LB R2518T220□
RoHS
22
19
0.44
175
LB R2518T470□
RoHS
47
11
0.84
120
LB R2518T101□
RoHS
100
9
1.89
80
0.796
・□Please specify the Inductance tolerance code(K or M)
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB 2518T1R0M
RoHS
1.0
±20%
100
0.06
665
7.96
LB 2518T1R5M
RoHS
1.5
80
0.07
405
LB 2518T2R2M
RoHS
2.2
68
0.09
340
LB 2518T3R3M
RoHS
3.3
54
0.11
280
LB 2518T4R7M
RoHS
4.7
46
0.13
240
LB 2518T4R7MR
RoHS
4.7
46
0.10
235
LB 2518T6R8M
RoHS
6.8
38
0.15
195
LB 2518T100□
RoHS
10
±10%
±20%
30
0.25
165
2.52
LB 2518T150□
RoHS
15
23
0.32
145
LB 2518T220□
RoHS
22
19
0.50
115
LB 2518T330□
RoHS
33
15
0.70
95
LB 2518T470□
RoHS
47
12
0.95
85
LB 2518T680□
RoHS
68
9.5
1.5
70
LB 2518T101□
RoHS
100
9.0
2.1
60
0.796
LB 2518T151□
RoHS
150
7.0
3.2
45
LB 2518T221□
RoHS
220
5.5
4.5
40
LB 2518T331□
RoHS
330
4.5
7.0
30
LB 2518T471□
RoHS
470
3.5
10
25
LB 2518T681□
RoHS
680
3.0
17
20
LB 2518T102□
RoHS
1000
2.4
24
15
0.252
・□Please specify the Inductance tolerance code(K or M)
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB C2518T1R0M
RoHS
1.0
±20%
100
0.080
775
7.96
LB C2518T1R0MR
RoHS
1.0
100
0.065
890
LB C2518T1R5M
RoHS
1.5
80
0.11
730
LB C2518T2R2M
RoHS
2.2
68
0.13
630
LB C2518T3R3M
RoHS
3.3
54
0.16
560
LB C2518T4R7M
RoHS
4.7
41
0.20
510
LB C2518T6R8M
RoHS
6.8
38
0.30
420
LB C2518T100□
RoHS
10
±10%
±20%
30
0.36
375
2.52
LB C2518T150□
RoHS
15
23
0.65
285
LB C2518T220□
RoHS
22
19
0.77
250
LB C2518T330□
RoHS
33
15
1.5
185
LB C2518T470□
RoHS
47
12
1.9
165
LB C2518T680□
RoHS
68
9.5
2.8
140
LB C2518T101□
RoHS
100
9.0
3.7
125
0.796
LB C2518T151□
RoHS
150
7.0
6.1
95
LB C2518T221□
RoHS
220
5.5
8.4
80
LB C2518T331□
RoHS
330
4.5
12.3
65
LB C2518T471□
RoHS
470
3.5
22
50
LB C2518T681□
RoHS
680
3.0
28
45
・□Please specify the Inductance tolerance code(K or M)


유사한 부품 번호 - LB2518T100

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
LB2518T100 TAIYO-YUDEN-LB2518T100 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB2518T100 TAIYO-YUDEN-LB2518T100 Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LB2518T100 TAIYO-YUDEN-LB2518T100 Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB2518T100K TAIYO-YUDEN-LB2518T100K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T100K TAIYO-YUDEN-LB2518T100K Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results

유사한 설명 - LB2518T100

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com