전자부품 데이터시트 검색엔진 |
|
SMBG170A 데이터시트(PDF) 3 Page - Vishay Siliconix |
|
SMBG170A 데이터시트(HTML) 3 Page - Vishay Siliconix |
3 / 5 page SMBG5.0A thru SMBG188CA www.vishay.com Vishay General Semiconductor Revision: 12-Nov-12 3 Document Number: 88456 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Mounted on minimum recommended pad layout Note (1) AEC-Q101 qualified RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Fig. 1 - Peak Pulse Power Rating Curve Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature Fig. 3 - Pulse Waveform Fig. 4 - Typical Junction Capacitance THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Typical thermal resistance, junction to ambient (1) RJA 100 °C/ W Typical thermal resistance, junction to lead RJL 20 ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE SMBG5.0A-E3/52 0.096 52 750 7" diameter plastic tape and reel SMBG5.0A-E3/5B 0.096 5B 3200 13" diameter plastic tape and reel SMBG5.0AHE3/52 (1) 0.096 52 750 7" diameter plastic tape and reel SMBG5.0AHE3/5B (1) 0.096 5B 3200 13" diameter plastic tape and reel 0.1 1 10 100 0.2 x 0.2" (5.0 x 5.0 mm) Copper Pad Areas td - Pulse Width (s) 0.1 µs 1.0 µs 10 µs 100 µs 1.0 ms 10 ms 0 255075 100 100 75 50 25 0 125 150 175 200 TJ - Initial Temperature (°C) 0 50 100 150 t d 0 1.0 2.0 3.0 4.0 t - Time (ms) t r = 10 µs Peak Value I PPM Half Value - I PPM I PP 2 10/1000 µs Waveform as defined by R.E.A. T J = 25 °C Pulse Width (t d) is defined as the Point where the Peak Current decays to 50 % of I PPM 10 100 1000 6000 10 1 100 200 Uni-Directional Bi-Directional T J = 25 °C f = 1.0 MHz V sig = 50 mVp-p Measured at Zero Bias V R, Measured at Stand-Off Voltage V WM VWM - Reverse Stand-Off Voltage (V) |
유사한 부품 번호 - SMBG170A |
|
유사한 설명 - SMBG170A |