전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4401DY-T1 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI4401DY-T1
상세설명  P-Channel 40-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4401DY-T1 데이터시트(HTML) 6 Page - Vishay Siliconix

  SI4401DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 6Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 7Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VISHAY SILICONIX
TrenchFET® Power MOSFETs
Application Note 808
Mounting LITTLE FOOT®, SO-8 Power MOSFETs
Document Number: 70740
www.vishay.com
Revision: 18-Jun-07
1
Wharton McDaniel
Surface-mounted LITTLE FOOT power MOSFETs use
integrated circuit and small-signal packages which have
been been modified to provide the heat transfer capabilities
required by power devices. Leadframe materials and
design, molding compounds, and die attach materials have
been changed, while the footprint of the packages remains
the same.
See Application Note 826, Recommended Minimum Pad
Patterns With Outline Drawing Access for Vishay Siliconix
MOSFETs, (http://www.vishay.com/ppg?72286), for the
basis of the pad design for a LITTLE FOOT SO-8 power
MOSFET. In converting this recommended minimum pad
to the pad set for a power MOSFET, designers must make
two connections: an electrical connection and a thermal
connection, to draw heat away from the package.
In the case of the SO-8 package, the thermal connections
are very simple. Pins 5, 6, 7, and 8 are the drain of the
MOSFET for a single MOSFET package and are connected
together. In a dual package, pins 5 and 6 are one drain, and
pins 7 and 8 are the other drain. For a small-signal device or
integrated circuit, typical connections would be made with
traces that are 0.020 inches wide. Since the drain pins serve
the additional function of providing the thermal connection
to the package, this level of connection is inadequate. The
total cross section of the copper may be adequate to carry
the current required for the application, but it presents a
large thermal impedance. Also, heat spreads in a circular
fashion from the heat source. In this case the drain pins are
the heat sources when looking at heat spread on the PC
board.
Figure 1. Single MOSFET SO-8 Pad
Pattern With Copper Spreading
Figure 2. Dual MOSFET SO-8 Pad Pattern
With Copper Spreading
The
minimum
recommended
pad
patterns
for
the
single-MOSFET SO-8 with copper spreading (Figure 1) and
dual-MOSFET SO-8 with copper spreading (Figure 2) show
the starting point for utilizing the board area available for the
heat-spreading copper. To create this pattern, a plane of
copper overlies the drain pins. The copper plane connects
the drain pins electrically, but more importantly provides
planar copper to draw heat from the drain leads and start the
process of spreading the heat so it can be dissipated into the
ambient air. These patterns use all the available area
underneath the body for this purpose.
Since surface-mounted packages are small, and reflow
soldering is the most common way in which these are
affixed to the PC board, “thermal” connections from the
planar copper to the pads have not been used. Even if
additional planar copper area is used, there should be no
problems in the soldering process. The actual solder
connections are defined by the solder mask openings. By
combining the basic footprint with the copper plane on the
drain pins, the solder mask generation occurs automatically.
A final item to keep in mind is the width of the power traces.
The absolute minimum power trace width must be
determined by the amount of current it has to carry. For
thermal reasons, this minimum width should be at least
0.020 inches. The use of wide traces connected to the drain
plane provides a low impedance path for heat to move away
from the device.
0.027
0.69
0.078
1.98
0.2
5.07
0.196
5.0
0.288
7.3
0.050
1.27
0.027
0.69
0.078
1.98
0.2
5.07
0.088
2.25
0.288
7.3
0.050
1.27
0.088
2.25


유사한 부품 번호 - SI4401DY-T1

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI4401DY-T1-E3 VBSEMI-SI4401DY-T1-E3 Datasheet
1,015Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

유사한 설명 - SI4401DY-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com