전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEZ7177-4DD 데이터시트(PDF) 4 Page - NEC

부품명 NEZ7177-4DD
상세설명  4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NEZ7177-4DD 데이터시트(HTML) 4 Page - NEC

  NEZ7177-4DD Datasheet HTML 1Page - NEC NEZ7177-4DD Datasheet HTML 2Page - NEC NEZ7177-4DD Datasheet HTML 3Page - NEC NEZ7177-4DD Datasheet HTML 4Page - NEC NEZ7177-4DD Datasheet HTML 5Page - NEC NEZ7177-4DD Datasheet HTML 6Page - NEC NEZ7177-4DD Datasheet HTML 7Page - NEC NEZ7177-4DD Datasheet HTML 8Page - NEC NEZ7177-4DD Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
4W/8W C-BAND POWER-GaAs FET NEZ Series
8W PERFORMANCE SPECIFICATIONS (TA = 25 ˚C, Z S = ZL = 50
Ω)
P1dB
GL
IDS
GL
IM3
ηadd
TEST CONDITIONS
PART NUMBER
(dBm)
(dB)
(A)
(dB)
(dBc)
(%)
VDS
IDS
FREQUENCY IM3 TEST
*1
*2
*3, 4
*4
(RF OFF)
BAND
FREQ.
MIN. TYP. MIN. TYP. TYP. MAX. MAX. TYP. MAX. TYP.
(V)
(A)
(GHz)
(GHz) *5
NEZ3642-8D, 8DD 38.5
39.5
10.0
11.0
2.4
3.0
1.0
– 45
– 42
40
10
1.6
3.6 to 4.2
4.2
NEZ4450-8D, 8DD 38.5
39.5
9.5
10.5
2.4
3.0
1.0
– 45
– 42
37
10
1.6
4.4 to 5.0
5.0
NEZ5964-8D, 8DD 38.5
39.5
8.5
9.5
2.4
3.0
1.0
– 45
– 42
35
10
1.6
5.9 to 6.45
6.45
NEZ6472-8D, 8DD 38.5
39.5
7.5
8.5
2.4
3.0
1.0
– 45
– 42
32
10
1.6
6.4 to 7.2
7.2
NEZ7177-8D, 8DD 38.5
39.5
7.0
8.0
2.4
3.0
1.0
– 45
– 42
30
10
1.6
7.1 to 7.7
7.7
NEZ7785-8D, 8DD 38.5
39.5
6.5
7.5
2.4
3.0
1.0
– 45
– 42
30
10
1.6
7.7 to 8.5
8.5
Notes *1 Output power at 1dB gain compression point
*2 IDS values are specified at P1dB point.
*3 Gain flatness
*4 Applies to – 8DD option only
*5 IM3 test conditions:
f = 10 MHz, 2 tones test, PO = 29dBm (single carrier level)
MAXIMUM OPERATING LIMITS
Rg max.
VDS max.
(
Ω)
(V)
100
10
Rg max is the maximum series resistance between the gate supply and the FET gate.


유사한 부품 번호 - NEZ7177-4DD

제조업체부품명데이터시트상세설명
logo
NEC
NEZ7177-4B NEC-NEZ7177-4B Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
NEZ7177-4BD NEC-NEZ7177-4BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
More results

유사한 설명 - NEZ7177-4DD

제조업체부품명데이터시트상세설명
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com