전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEZ6472-8D 데이터시트(PDF) 2 Page - NEC

부품명 NEZ6472-8D
상세설명  4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NEZ6472-8D 데이터시트(HTML) 2 Page - NEC

  NEZ6472-8D Datasheet HTML 1Page - NEC NEZ6472-8D Datasheet HTML 2Page - NEC NEZ6472-8D Datasheet HTML 3Page - NEC NEZ6472-8D Datasheet HTML 4Page - NEC NEZ6472-8D Datasheet HTML 5Page - NEC NEZ6472-8D Datasheet HTML 6Page - NEC NEZ6472-8D Datasheet HTML 7Page - NEC NEZ6472-8D Datasheet HTML 8Page - NEC NEZ6472-8D Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
4W/8W C-BAND POWER-GaAs FET NEZ Series
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
RATINGS
UNIT
NEZ-4D, 4DD
NEZ-8D, 8DD
Drain to Source Voltage
VDS
15
15
V
Gate to Source Voltage
VGS
– 12
–12
V
Gate to Drain Voltage
VGD
– 18
– 18
V
Drain Current
ID
4.5
9.0
A
Gate Current
IG
25
50
mA
Total Power Dissipation
PT*
25
50
W
Channel Temperature
Tch
175
175
˚C
Storage Temperature
Tstg
– 65 to + 175
– 65 to + 175
˚C
*TC = 25 ˚C
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
Part No.
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Saturated Drain Current
IDSS
NEZ-4D
1.0
2.3
3.5
AVDS = 2.5 V, VGS = 0 V
NEZ-8D, 8DD
2.0
4.5
7.0
Pinch-off Voltage
VP
NEZ-4D, 4DD
– 3.5
– 2.0
– 0.5
V
VDS = 2.5 V, IDS = 15 mA
NEZ-8D, 8DD
– 3.5
– 2.0
– 0.5
VDS = 2.5 V, IDS = 30 mA
Trans-Conductance
gm
NEZ-4D, 4DD
1300
mS
VDS = 2.5 V, IDS = 1 A
NEZ-8D, 8DD
2600
VDS = 2.5 V, IDS = 2 A
Gate to Drain Voltage
BVGD0
NEZ-4D, 4DD
20
22
V
IGD = 15 mA
NEZ-8D, 8DD
20
22
IGD = 30 mA
Thermal Resistance
Rth
NEZ-4D, 4DD
5.0
6.0
˚C/W
Channel to Case
NEZ-8D, 8DD
2.5
3.0


유사한 부품 번호 - NEZ6472-8D

제조업체부품명데이터시트상세설명
logo
NEC
NEZ6472-8B NEC-NEZ6472-8B Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
NEZ6472-8BD NEC-NEZ6472-8BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
More results

유사한 설명 - NEZ6472-8D

제조업체부품명데이터시트상세설명
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com