전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F931C106MBA 데이터시트(PDF) 1 Page - Nichicon corporation

부품명 F931C106MBA
상세설명  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHICON [Nichicon corporation]
홈페이지  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F931C106MBA 데이터시트(HTML) 1 Page - Nichicon corporation

  F931C106MBA Datasheet HTML 1Page - Nichicon corporation F931C106MBA Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C
Performance Characteristics
Item
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F93 Resin-moldedChip,
Standard Series
∗ As for the surge and derated voltage at 125˚C, refer to page 332 for details.
Type numbering system (Example: 10V 10µF)
Drawing
Dimensions
Marking
Specifications
Category
Temperature Range
--55 to +125˚C (Rated temperature : +85˚C)
Capacitance Tolerance
± 20%, ±10% (at 120Hz)
Dissipation Factor (120Hz)
Refer to next page
ESR (100kHz)
Refer to next page
Leakage Current
• After 1 minute's application of rated voltage, leakage current
at 20˚C is not more than 0.01CV or 0.5µA, whichever is greater.
• After 1 minute's application of rated voltage, leakage current
at 85˚C is not more than 0.1CV or 5µA, whichever is greater.
• After 1 minute's application of derated voltage, leakage current
at 125˚C is not more than 0.125CV or 6.3µA, whichever is greater.
Capacitance Change
by Temperature
+15% Max. (at +125˚C)
+10% Max. (at +85˚C)
--10% Max. (at --55˚C)
Damp Heat
(Steady State)
At 40˚C 90 to 95% R.H. 500 hours (No voltage applied)
Capacitance Change...Refer to next page (* 1)
Dissipation Factor........Initial specified value or less
Leakage Current..........Initial specified value or less
Temperature Cycles
--55˚C / +125˚C 30 minutes each 5 cycles
Capacitance Change...Refer to next page (* 1)
Dissipation Factor........Initial specified value or less
Leakage Current..........Initial specified value or less
Resistance
to Soldering Heat
10 seconds reflow at 260˚C , 5 seconds immersion at 260˚C
Capacitance Change...Refer to next page (* 1)
Dissipation Factor........Initial specified value or less
Leakage Current..........Initial specified value or less
Surge
After application of surge voltage in series with a 33
Ω resistor at the rate of
30 seconds ON, 30 seconds OFF, for 1000 successive test cycles at
85˚C, capacitors shall meet the characteristic requirements table below.
Capacitance Change.....Refer to next page (* 1)
Dissipation Factor.........Initial specified value or less
Leakage Current...........Initial specified value or less
Endurance
After 2000 hours' application of rated voltage in series with a 3
Ω resistor
at 85˚C, or derated voltage in series with a 3Ω resistor at 125˚C,
capacitors shall meet the characteristic requirements table below.
Capacitance Change......
Refer to next page (* 1)
Dissipation Factor..........Initial specified value or less
Leakage Current............Initial specified value or less
Shear Test
After applying the pressure load of 5N for 10±1 seconds
horizontally to the center of capacitor side body which has no
electrode and has been soldered
beforehand on a substrate, there shall be
found neither exfoliation nor its sign at the
terminal electrode.
Terminal Strength
Keeping a capacitor surface-mounted on a substrate upside down
and supporting the substrate at both of the opposite bottom points
45mm apart from the center of
capacitor, the pressure strength is
applied with a specified jig at the
center of substrate so that the
substrate may bend by 1mm as
illustrated. Then, there shall be found
no remarkable abnormality on the
capacitor terminals.
Case code
L
W
1
W
2
HS
A
3.2 ±0.2
1.6 ±0.2
1.2 ±0.1
1.6 ±0.2
0.8 ±0.2
B
3.5 ±0.2
2.8 ±0.2
2.2 ±0.1
1.9 ±0.2
0.8 ±0.2
C
6.0 ±0.2
3.2 ±0.2
2.2 ±0.1
2.5 ±0.2
1.3 ±0.2
N
7.3 ± 0.2
4.3 ± 0.2
2.4 ± 0.1
2.8 ± 0.2
1.3 ± 0.2
(mm)
( ) The series in parentheses are being developed.
Please contact to your local Nichicon sales office when these
series are being designed in your application.
Taping code
(Refer to page 333 for details)
F
1
9
2
3
3
1
4
A
5
1
6
0
7
6
8
M
9
A
10
11
Case code
Capacitance tolerance
Rated capacitance
Rated voltage
Series
L
H
S
S
W2
W1
L
H
S
S
W2
W1
A B Case
C N Case
Capacitance (
µF)
Rated voltage
(V)
Rated voltage (V)
A Case
B Case
C Case
N Case
(Rated voltage code)
(Capacitance code)
C685
22
16V
G
J
A
4V
6.3V
10V
16V
20V
D
E
V
25V
35V
5N (0.51kg ¥ f)
For 10±1 seconds
20
R230
45
45
Standard Ratings
Compliant to the RoHS directive (2002/95/EC).
0.68
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
684
105
155
225
335
475
685
106
156
226
336
476
686
107
157
227
337
477
687
A
A
A
A
A B
B
(A) B C
C
N
N
A
A
A
A
A B
A B
A B C
B C
B C N
N
N
A
A
A
A B
A B
A B C
B C
B C N
C N
N
N
A
A
A
A
A
A B
A B
A B C
B C
(B) C N
N
C N
N
N
A
A
A B
A B
A B
C
B C
C N
C N
(N)
A
A
A
A B
B
B C
C
C
N
N
4
0G
6.3
0J
10
1A
16
1C
20
1D
25
1E
35
1V
Cap. (µF)
Code
V
A
A
A
A
A B
B C
C
C N
N
N
We can supply the type of compliance to AEC-Q200.
Please contact to your local Nichicon sales office
when these series are being designed in your application.
CAT.8100B


유사한 부품 번호 - F931C106MBA

제조업체부품명데이터시트상세설명
logo
Nichicon corporation
F931C106MBA NICHICON-F931C106MBA Datasheet
136Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C106MBA NICHICON-F931C106MBA Datasheet
467Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
AVX Corporation
F931C106MBA AVX-F931C106MBA Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Nichicon corporation
F931C106MBA NICHICON-F931C106MBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C106MBA NICHICON-F931C106MBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

유사한 설명 - F931C106MBA

제조업체부품명데이터시트상세설명
logo
Nichicon corporation
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com