전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEZ5964-8DD 데이터시트(PDF) 11 Page - NEC

부품명 NEZ5964-8DD
상세설명  4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NEZ5964-8DD 데이터시트(HTML) 11 Page - NEC

Back Button NEZ5964-8DD Datasheet HTML 7Page - NEC NEZ5964-8DD Datasheet HTML 8Page - NEC NEZ5964-8DD Datasheet HTML 9Page - NEC NEZ5964-8DD Datasheet HTML 10Page - NEC NEZ5964-8DD Datasheet HTML 11Page - NEC NEZ5964-8DD Datasheet HTML 12Page - NEC NEZ5964-8DD Datasheet HTML 13Page - NEC NEZ5964-8DD Datasheet HTML 14Page - NEC NEZ5964-8DD Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
4W/8W C-BAND Power-GaAs FET NEZ Series
NEZ5964-4DD
VDS = 10 V, IDS = 800 mA, VGS = –1.327 V, IG = 0.0 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100
0.947
–107.2
13.855
120.4
0.007
36.0
0.633
–177.3
0.200
0.958
–142.9
8.208
99.3
0.008
15.4
0.661
178.4
0.500
0.964
–177.3
3.525
69.5
0.009
3.2
0.674
167.7
1.000
0.968
158.0
1.854
35.9
0.009
–16.8
0.693
153.0
1.500
0.963
137.0
1.271
3.9
0.010
–25.6
0.708
137.0
2.000
0.961
119.1
1.008
–25.9
0.010
–41.1
0.734
120.4
2.500
0.951
101.9
0.873
–53.7
0.011
–57.7
0.750
103.1
3.000
0.960
83.2
0.837
–82.8
0.011
–79.9
0.761
84.9
3.500
0.975
63.3
0.864
–112.9
0.012
–104.1
0.763
65.7
4.000
0.967
42.9
0.942
–145.0
0.016
–128.7
0.752
45.3
4.200
0.958
34.7
0.997
–158.1
0.018
–159.6
0.750
36.4
4.400
0.939
25.6
1.060
–171.4
0.013
177.5
0.733
27.1
4.600
0.912
16.9
1.143
174.7
0.014
179.2
0.717
18.2
4.800
0.890
7.4
1.261
160.6
0.018
165.7
0.704
8.5
5.000
0.859
–3.7
1.404
144.8
0.023
148.4
0.684
–2.6
5.200
0.816
–14.2
1.621
125.9
0.029
126.1
0.632
–13.1
5.400
0.748
–27.7
1.836
108.2
0.034
100.3
0.590
–24.6
5.600
0.656
–45.2
2.135
89.5
0.043
75.5
0.541
–39.4
5.800
0.542
–69.5
2.483
67.7
0.055
49.0
0.466
–58.0
6.000
0.420
–104.4
2.878
43.5
0.064
19.8
0.377
–81.3
6.200
0.345
–156.5
3.201
16.7
0.077
–10.8
0.274
–115.9
6.400
0.377
146.0
3.370
–12.7
0.086
–44.0
0.200
–165.7
6.600
0.470
104.7
3.352
–41.9
0.090
–73.4
0.193
140.5
6.800
0.528
74.1
3.171
–68.6
0.091
–101.6
0.221
99.9
7.000
0.540
50.6
2.929
–92.7
0.088
–126.4
0.241
74.9
NEZ6472-4DD
VDS = 10 V, IDS = 800 mA, VGS = –1.458 V, IG = 0.0 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100
0.942
–103.4
13.187
121.3
0.008
62.3
0.625
179.6
0.200
0.958
–141.0
7.998
100.9
0.008
16.7
0.677
177.2
0.500
0.963
–177.8
3.473
71.0
0.009
–0.6
0.691
166.6
1.000
0.968
155.5
1.846
37.5
0.010
–12.2
0.701
151.7
1.500
0.960
133.3
1.294
6.3
0.010
–25.4
0.709
134.5
2.000
0.955
113.5
1.050
–23.5
0.011
–41.3
0.726
118.8
3.000
0.949
71.5
0.914
–82.4
0.013
–85.6
0.748
84.7
4.000
0.930
23.9
1.047
–147.7
0.020
–148.4
0.756
48.6
4.500
0.872
–3.2
1.262
174.5
0.019
161.2
0.759
28.0
5.000
0.749
–35.9
1.547
134.8
0.024
127.1
0.728
5.8
5.500
0.590
–87.0
2.027
88.7
0.042
71.5
0.645
–21.3
6.000
0.528
–167.7
2.631
33.8
0.065
7.7
0.484
–59.5
6.200
0.562
158.3
2.849
9.7
0.072
–20.1
0.395
–78.7
6.300
0.580
141.4
2.907
–3.5
0.075
–32.9
0.345
–90.2
6.400
0.600
126.3
3.002
–16.1
0.080
–46.7
0.305
–102.6
6.500
0.613
112.6
3.061
–28.6
0.083
–59.1
0.265
–117.9
6.600
0.617
98.8
3.134
–41.7
0.087
–71.9
0.234
–135.4
6.700
0.604
86.3
3.189
–54.2
0.092
–83.9
0.218
–154.9
6.800
0.580
73.1
3.195
–67.9
0.095
–97.7
0.204
–178.2
6.900
0.552
60.7
3.245
–81.2
0.101
–110.3
0.211
159.7
7.000
0.506
49.0
3.167
–94.1
0.103
–123.7
0.224
139.5
7.100
0.470
33.6
3.236
–108.6
0.107
–138.5
0.240
117.8
7.200
0.404
19.3
3.152
–121.6
0.106
–150.7
0.244
102.2
7.300
0.342
2.3
3.164
–135.6
0.110
–163.6
0.254
88.0
7.400
0.271
–17.1
3.068
–147.9
0.110
–175.1
0.248
76.6


유사한 부품 번호 - NEZ5964-8DD

제조업체부품명데이터시트상세설명
logo
NEC
NEZ5964-8B NEC-NEZ5964-8B Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
NEZ5964-8BD NEC-NEZ5964-8BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
More results

유사한 설명 - NEZ5964-8DD

제조업체부품명데이터시트상세설명
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com