전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCD1300N80Z 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FCD1300N80Z
상세설명  N-Channel SuperFET II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD1300N80Z 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FCD1300N80Z Datasheet HTML 1Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 2Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 3Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 4Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 5Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 6Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 7Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 8Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2014 Fairchild Semiconductor Corporation
FCD1300N80Z Rev. C0
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
0.5
1
10
20
0.3
1
10
20
*Notes:
1. 250s Pulse Test
2. TC = 25
oC
VDS, Drain-Source Voltage[V]
VGS = 20.0V
10.0V
8.0V
7.0V
6.5V
6.0V
5.5V
5.0V
34
56
7
0.1
1
10
20
-55
oC
150
oC
*Notes:
1. VDS = 20V
2. 250s Pulse Test
25
oC
VGS, Gate-Source Voltage[V]
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
0.00.40.81.2
0.001
0.01
0.1
1
10
20
*Notes:
1. V
GS = 0V
2. 250s Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
02468
10
12
0.5
1.0
1.5
2.0
2.5
*Note: TC = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
30000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
06
12
18
0
2
4
6
8
10
*Note: ID = 4A
VDS = 160V
VDS = 400V
VDS = 640V
Qg, Total Gate Charge [nC]


유사한 부품 번호 - FCD1300N80Z

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FCD1300N80Z ISC-FCD1300N80Z Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FCD1300N80Z

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FCP190N60 FAIRCHILD-FCP190N60_13 Datasheet
342Kb / 10P
   N-Channel SuperFET II MOSFET
FCH104N60 FAIRCHILD-FCH104N60 Datasheet
766Kb / 9P
   N-Channel SuperFET II MOSFET
FCP130N60 FAIRCHILD-FCP130N60 Datasheet
1Mb / 10P
   N-Channel SuperFET II MOSFET
FCH170N60 FAIRCHILD-FCH170N60 Datasheet
624Kb / 9P
   N-Channel SuperFET II MOSFET
FCP104N60 FAIRCHILD-FCP104N60 Datasheet
788Kb / 10P
   N-Channel SuperFET II MOSFET
FCH043N60 FAIRCHILD-FCH043N60 Datasheet
431Kb / 10P
   N-Channel SuperFET II MOSFET
FCH130N60 FAIRCHILD-FCH130N60 Datasheet
620Kb / 9P
   N-Channel SuperFET II MOSFET
FCP380N60 FAIRCHILD-FCP380N60_13 Datasheet
333Kb / 10P
   N-Channel SuperFET II MOSFET
FCP170N60 FAIRCHILD-FCP170N60 Datasheet
800Kb / 10P
   N-Channel SuperFET II MOSFET
FCP150N65F FAIRCHILD-FCP150N65F Datasheet
1Mb / 12P
   N-Channel SuperFET II FRFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com