전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC4A-N32B3 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 FC4A-N32B3
상세설명  MicroSmart Performance
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-N32B3 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  FC4A-N32B3 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC4A-N32B3 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC4A-N32B3 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC4A-N32B3 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC4A-N32B3 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC4A-N32B3 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC4A-N32B3 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC4A-N32B3 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC4A-N32B3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
MicroSmart Series
9
Programmable Logic Controllers
MicroSmart CPU Part Numbers
Slim
Appearance
Part Number
Power
I/O Points
Input
Output
Expandability
FC4A-D20RK1
24V DC
20 (12 in/8 out)
24V DC (Sink/Source)
6 Relays, 2 Transistor
Sink
244 Maximum I/O
(up to 7
expansion modules)
FC4A-D20RS1
6 Relays, 2 Transistor
Source
FC4A-D20K3
Transistor Sink
148 Maximum I/O
(up to 7
expansion modules)
FC4A-D20S3
Transistor Source
FC4A-D40K3
40 (24 in/16 out)
Transistor Sink
264 Maximum I/O
(up to 7
expansion modules)
FC4A-D40S3
Transistor Source


유사한 부품 번호 - FC4A-N32B3

제조업체부품명데이터시트상세설명
logo
IDEC Corporation
FC4A-AS62M IDEC-FC4A-AS62M Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J2A1 IDEC-FC4A-J2A1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J4CN1 IDEC-FC4A-J4CN1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J8AT1 IDEC-FC4A-J8AT1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J8C1 IDEC-FC4A-J8C1 Datasheet
212Kb / 2P
   PLC High Density Analog I/O Module
More results

유사한 설명 - FC4A-N32B3

제조업체부품명데이터시트상세설명
logo
IDEC Corporation
FC6A IDEC-FC6A Datasheet
210Kb / 1P
   MicroSmart FC6A PLC
FC4A-L03A1 IDEC-FC4A-L03A1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Advanced Power Electron...
AP6942GMT-HF A-POWER-AP6942GMT-HF Datasheet
134Kb / 7P
   Good Thermal Performance, Fast Switching Performance
logo
Power-One
PFC500 POWER-ONE-PFC500 Datasheet
206Kb / 4P
   PerFormanCe POWER
logo
Feature Integration Tec...
F75334DG FINTEK-F75334DG Datasheet
1Mb / 66P
   Performance Controller
logo
Kemet Corporation
T356J156K035AT KEMET-T356J156K035AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T356B475K016AT KEMET-T356B475K016AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
logo
List of Unclassifed Man...
ANT-868-PML ETC2-ANT-868-PML Datasheet
109Kb / 1P
   Outstanding performance
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com