전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC4A-J2A1 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 FC4A-J2A1
상세설명  MicroSmart Performance
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-J2A1 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FC4A-J2A1 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC4A-J2A1 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC4A-J2A1 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC4A-J2A1 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC4A-J2A1 Datasheet HTML 9Page - List of Unclassifed Manufacturers FC4A-J2A1 Datasheet HTML 10Page - List of Unclassifed Manufacturers FC4A-J2A1 Datasheet HTML 11Page - List of Unclassifed Manufacturers FC4A-J2A1 Datasheet HTML 12Page - List of Unclassifed Manufacturers FC4A-J2A1 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
MicroSmart Series
16
Programmable Logic Controllers
Communication Modules
AS-Interface Module
AS-Interface Master Module
Appearance
Part Number
Description
FC4A-AS62M
MicroSmart AS-Interface Master Module
The Actuator Sensor-interface (AS-Interface) is the simplest and most cost-ef-
fective of the PLC-based , industrial-networking protocols. AS-Interface is a
truly open, low-cost electromechanical connection system designed to operate
over a two-wire cable carrying data and power over a distance of up to 100m. It
is especially suitable for lower levels of plant automation where simple - often
binary (On/Off) - field devices such as switches, sensors, and actuators need to
interoperate in a local area automation network controlled by a PLC. IDEC sup-
ports this open technology.
IDEC offers a plug-in AS-Interface master module (as well as other AS-Interface
devices, please see AS-Interface Communication section) that is easy to config-
ure; it can also connect up to 62 slaves. With this technology, you’ll reduce the
amount of engineering needed, simplify wiring and enhance your operations;
requiring less maintenance. With an average cost of savings of 15 to 40%
compared with traditional cabling methods, using an IDEC AS-Interface module
is the easy choice.
Master-Slave Principle
The AS-Interface master controls and monitors the status of slave devices con-
nected to the AS-Interface bus. Normally, the AS-Interface master is connected
to a PLC (sometimes called ‘host’) or a gateway.
Various types of slave devices can be connected to the AS-Interface bus, includ-
ing sensors, actuators, and remote I/O devices. Analog slaves can also be con-
nected to process analog data. Slaves are available in standard slaves and A/B
slaves. Standard slaves have an address of 1 through 31 in the standard address
range. A/B slaves have an address of 1A through 31A in the standard address
range or 1B through 31B in the expanded address range. Among the A/B slaves,
slaves with an address of
1A through 31A are called A slaves, and slaves with an address of 1B through
31B are called B slaves. (see AS-Interface Communication section for more
details)
Controller
Master
Master call A-Slaves
Master call B-Slaves
Slave answer A-Slaves
Slave answer B-Slaves
Slave 1A
Slave 2A
Slave 31A
Slave 1B
Slave 2B
Slave 1A
Slave 2A
Slave 31A
Slave 1B
Slave 2B


유사한 부품 번호 - FC4A-J2A1

제조업체부품명데이터시트상세설명
logo
IDEC Corporation
FC4A-J2A1 IDEC-FC4A-J2A1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
More results

유사한 설명 - FC4A-J2A1

제조업체부품명데이터시트상세설명
logo
IDEC Corporation
FC6A IDEC-FC6A Datasheet
210Kb / 1P
   MicroSmart FC6A PLC
FC4A-L03A1 IDEC-FC4A-L03A1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Advanced Power Electron...
AP6942GMT-HF A-POWER-AP6942GMT-HF Datasheet
134Kb / 7P
   Good Thermal Performance, Fast Switching Performance
logo
Power-One
PFC500 POWER-ONE-PFC500 Datasheet
206Kb / 4P
   PerFormanCe POWER
logo
Feature Integration Tec...
F75334DG FINTEK-F75334DG Datasheet
1Mb / 66P
   Performance Controller
logo
Kemet Corporation
T356J156K035AT KEMET-T356J156K035AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T356B475K016AT KEMET-T356B475K016AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
logo
List of Unclassifed Man...
ANT-868-PML ETC2-ANT-868-PML Datasheet
109Kb / 1P
   Outstanding performance
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com