전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 BC846
상세설명  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC846 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button BC846 Datasheet HTML 5Page - ON Semiconductor BC846 Datasheet HTML 6Page - ON Semiconductor BC846 Datasheet HTML 7Page - ON Semiconductor BC846 Datasheet HTML 8Page - ON Semiconductor BC846 Datasheet HTML 9Page - ON Semiconductor BC846 Datasheet HTML 10Page - ON Semiconductor BC846 Datasheet HTML 11Page - ON Semiconductor BC846 Datasheet HTML 12Page - ON Semiconductor BC846 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BC846, SBC846, BC847, SBC847, BC848 Series
http://onsemi.com
11
1 mS
Thermal Limit
1 S
Figure 33. Safe Operating Area for
BC846A, BC846B
Figure 34. Safe Operating Area for
BC847A, BC847B, BC847C
VCE, COLLECTOR EMITTER VOLTAGE (V)
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.001
0.01
0.1
1
100
10
1
0.1
0.001
0.01
0.1
1
Figure 35. Safe Operating Area for
BC848A, BC848B, BC848C
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.1
0.001
0.01
0.1
1
100 mS 10 mS
1 mS
Thermal Limit
1 S
100 mS 10 mS
1 mS
Thermal Limit
1 S
100 mS 10 mS


유사한 부품 번호 - BC846

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC846 PHILIPS-BC846 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rectron Semiconductor
BC846 RECTRON-BC846 Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
logo
NXP Semiconductors
BC846 NXP-BC846 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
ON Semiconductor
BC846 ONSEMI-BC846 Datasheet
111Kb / 13P
   General Purpose Transistors
April, 2015 ??Rev. 12
logo
Diodes Incorporated
BC846 DIODES-BC846 Datasheet
277Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 21 - 2
More results

유사한 설명 - BC846

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com