전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA-0474 데이터시트(PDF) 3 Page - TDK Electronics

부품명 CXA-0474
상세설명  Dimming/Connector Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-0474 데이터시트(HTML) 3 Page - TDK Electronics

  CXA-0474 Datasheet HTML 1Page - TDK Electronics CXA-0474 Datasheet HTML 2Page - TDK Electronics CXA-0474 Datasheet HTML 3Page - TDK Electronics CXA-0474 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Connections
CXA-0474
RL:Load resistance(7W minimum)
SW1
Unit operation
aOperation
b
Does not operate
Open
Operation
Operate as follows by switching SW1.
Load condition
Alarm output
(CN1-8 )
※1
Shut-down function
※2
Normal condition
0.5V max.
Does not shut down
When 1 load
(lamp) is run-out
5 0.5V
Does not shut down
When 2 loads
(lamps) are run-out
5 0.5V
Shut down
Protection circuit operation
※1: In the case of low mode, and more than one of SW3-SW5 in
the connection diagram was open, output alarm signal of 5V.
※2: When all lamps were opened, this inverter has included
protective function to stop operation in about 3 seconds.
SW2
Unit operation
a
Voltage dimmer
Vbr=0 to 2.5V
Vbr=2.5V: Maximum brightness
b
Volume dimmer
VR=0 to 10kΩ
VR=10kΩ: Maximum brightness
Operate as follows by switching SW2.
・All specifications are subject to change without notice.
3


유사한 부품 번호 - CXA-0474

제조업체부품명데이터시트상세설명
logo
TDK Electronics
CXA-0406 TDK-CXA-0406 Datasheet
234Kb / 3P
   Dimming/Connector Type
CXA-0420 TDK-CXA-0420 Datasheet
234Kb / 4P
   Dimming/Connector Type
logo
Power Systems GmbH+Co.K...
CXA-0437 POWER-SYSTEMS-CXA-0437 Datasheet
111Kb / 2P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
logo
TDK Electronics
CXA-0441 TDK-CXA-0441 Datasheet
231Kb / 3P
   Dimming/Connector Type
logo
Power Systems GmbH+Co.K...
CXA-0454 POWER-SYSTEMS-CXA-0454 Datasheet
148Kb / 2P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
More results

유사한 설명 - CXA-0474

제조업체부품명데이터시트상세설명
logo
TDK Electronics
CXA-0441 TDK-CXA-0441 Datasheet
231Kb / 3P
   Dimming/Connector Type
CXA-0420 TDK-CXA-0420 Datasheet
234Kb / 4P
   Dimming/Connector Type
CXA-0326 TDK-CXA-0326 Datasheet
225Kb / 3P
   Dimming/Connector Type
CXA-0406 TDK-CXA-0406 Datasheet
234Kb / 3P
   Dimming/Connector Type
CXA-P1612-VJL TDK-CXA-P1612-VJL Datasheet
321Kb / 3P
   Dimming/Connector Type
CXA-0538 TDK-CXA-0538 Datasheet
360Kb / 4P
   Dimming/Connector Type
CXA-0320 TDK-CXA-0320 Datasheet
247Kb / 3P
   Dimming/Connector Type
CXA-0359 TDK-CXA-0359 Datasheet
256Kb / 3P
   Dimming/Connector Type
CXA-0462 TDK-CXA-0462 Datasheet
308Kb / 4P
   Dimming/Connector Type
CXA-0463 TDK-CXA-0463 Datasheet
244Kb / 4P
   Dimming/Connector Type
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com