전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX2024A 데이터시트(PDF) 1 Page - Pulse A Technitrol Company

부품명 CX2024A
상세설명  Low cost construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSE [Pulse A Technitrol Company]
홈페이지  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CX2024A 데이터시트(HTML) 1 Page - Pulse A Technitrol Company

  CX2024A Datasheet HTML 1Page - Pulse A Technitrol Company CX2024A Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C217.C (05/12)
1
pulseelectronics.com
RF Balun Transformers
For Wideband RF Applications
Low cost construction
Miniature surface mount package
Excellent insertion loss
Ideal for balanced-to-unbalanced applications
Designed for: • CATV Distribution/Drop Amplifiers
• Set Top Boxes
• Residential Gateways
CX2024/NL, CX2024A/NL & CX2149/NL
Mechanical
Schematic
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +85°C
Standard
Part
Number
RoHS-6
Compliant
Part No.
Impedance
Ratio
(Pri:Sec
±2%)
Insertion Loss
Phase
Unbalance
(50/1000MHz)
10MHz
(TYP/MAX)
50-750MHz
(TYP/MAX)
750-1000MHz
(TYP/MAX)
10MHz
(TYP/MIN)
50-750MHz
(TYP/MIN)
750-1000MHz
(TYP/MIN)
(50MHz)
(100-1000MHz)
CX2024
CX2024NL
1:1
0.46/1.00dB 0.37/0.50dB
0.48/0.60B
>40/20dB
>30/20dB
30/16dB
20� MAX
1.4dB MAX
1.25dB MAX
CX2024A
CX2024ANL
1:1
0.46/1.00dB 0.37/0.50dB
0.48/0.60B
>40/20dB
>30/20dB
30/16dB
20� MAX
1.4dB MAX
1.25dB MAX
CX2149
CX2149NL
1:1
0.40/1.00B
0.40/1.00B
0.6/1.0B
>30/20dB
30/20dB
22/18dB
±4� from 180� 1.4dB MAX
1.3dB MAX
Notes: 1. Part with cover plate is designated CX2024A. Optional Tape & Reel packaging can be ordered by adding a “T” suffix to the part numbe (ex: CX2024T or CX2024AT).
Tape & Reel ............................................2000/reel
Tray ...........................................................100/tray
Power Rating ................30 mA MAX; 0.25 W MAX
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25
Amplitude
Unbalance
Return Loss
2
1
50MHz
(TYP/MAX)
208MHz
(TYP/MAX)
870MHz
(TYP/MAX)
50MHz
(TYP/MAX)
208MHz
(TYP/MAX)
870MHz
(TYP/MAX)
50-870MHz
50MHz
100-870MHz
1


유사한 부품 번호 - CX2024A

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
CX2024A PULSE-CX2024A Datasheet
643Kb / 2P
   RF Balun Transformers
CX2024ANL PULSE-CX2024ANL Datasheet
643Kb / 2P
   RF Balun Transformers
More results

유사한 설명 - CX2024A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
6A05 ETC2-6A05 Datasheet
185Kb / 2P
   Low cost construction
FR101 ETC2-FR101 Datasheet
118Kb / 2P
   Low cost construction
BA157 ETC2-BA157 Datasheet
117Kb / 2P
   Low cost construction
1N5400 ETC2-1N5400 Datasheet
177Kb / 2P
   Low cost construction
BY251 ETC2-BY251 Datasheet
174Kb / 2P
   Low cost construction
BY396 ETC2-BY396 Datasheet
117Kb / 2P
   Low cost construction
logo
Sangdest Microelectroni...
KBL4005 SMC-KBL4005 Datasheet
271Kb / 4P
   Reliable low cost construction utilizing molded plastic technique
logo
EUROQUARTZ limited
EQ158 EUROQUARTZ-EQ158 Datasheet
148Kb / 1P
   Low mass, rugged construction
logo
XFMRS Inc.
XF0010-HP XFMRS-XF0010-HP Datasheet
32Kb / 2P
   LOW COST
logo
CTS Corporation
744C083103JP CTS-744C083103JP Datasheet
182Kb / 4P
   Low Cost
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com