전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0710 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard)

부품명 HCPL-0710
상세설명  40 ns Prop. Delay, SO-8 Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0710 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-0710 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
2500
Vrms
RH
≤ 50%, t = 1 min.,
9, 10,
Withstand Voltage
TA = 25°C11
Resistance
RI-O
1012
VI-O = 500 Vdc
9
(Input-Output)
Capacitance
CI-O
0.6
pF
f = 1 MHz
(Input-Output)
Input Capacitance
CI
3.0
12
Input IC Junction-to-Case
θ
jci
160
°C/W
Thermocouple
Thermal Resistance
located at center
Output IC Junction-to-Case
θ
jco
135
Thermal Resistance
Package Power Dissipation
PPD
150
mW
Notes:
1. Absolute Maximum ambient operating
temperature means the device will not
be damaged if operated under these
conditions. It does not guarantee
functionality.
2. The LED is ON when VI is low and OFF
when VI is high.
3. tPHL propagation delay is measured
from the 50% level on the falling edge
of the VI signal to the 50% level of the
falling edge of the VO signal. tPLH
propagation delay is measured from
the 50% level on the rising edge of the
VI signal to the 50% level of the rising
edge of the VO signal.
4. Mimimum Pulse Width is the shortest
pulse width at which 10% maximum,
Pulse Width Distortion can be guaran-
teed. Maximum Data Rate is the
inverse of Minimum Pulse Width.
Operating the HCPL-0710 at data rates
above 12.5 MBd is possible provided
PWD and data dependent jitter
increases and relaxed noise margins
underside of
package
are tolerable within the application.
For instance, if the maximum
allowable variation of bit width is 30%,
the maximum data rate becomes 37.5
MBd. Please note that HCPL-0710
performance above 12.5 MBd is not
guaranteed by Hewlett-Packard.
5. PWD is defined as |tPHL - tPLH|.
%PWD (percent pulse width distortion)
is equal to the PWD divided by pulse
width.
6. tPSK is equal to the magnitude of the
worst case difference in tPHL and/or
tPLH that will be seen between units at
any given temperature within the
recommended operating conditions.
7. CMH is the maximum common mode
voltage slew rate that can be sustained
while maintaining VO > 0.8 VDD2. CML
is the maximum common mode voltage
slew rate that can be sustained while
maintaining VO < 0.8 V. The common
mode voltage slew rates apply to both
rising and falling common mode
voltage edges.
8. Unloaded dynamic power dissipation is
calculated as follows: CPD * VDD2 * f +
IDD * VDD, where f is switching
frequency in MHz.
9. Device considered a two-terminal
device: pins 1, 2, 3, and 4 shorted
together and pins 5, 6, 7, and 8
shorted together.
10. In accordance with UL1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 3000 V
RMS for 1 second (leakage
detection current limit, II-O ≤ 5 µA).
11. The Input-Output Momentary With-
stand Voltage is a dielectric voltage
rating that should not be interpreted as
an input-output continuous voltage
rating. For the continuous voltage
rating refer to your equipment level
safety specification or HP Application
Note 1074 entitled “Optocoupler
Input-Output Endurance Voltage.”
12. CI is the capacitance measured at pin
2 (VI).
Figure 1. Typical Output Voltage vs.
Input Voltage.
Figure 2. Typical Input Voltage
Switching Threshold vs. Input Supply
Voltage.
Figure 3. Typical Propagation Delays
vs. Temperature.
0
0
VI (V)
5
4
1
4
12
3
5
3
2
0 °C
25 °C
85 °C
4.5
1.6
VDD1 (V)
5.5
2.1
1.7
5.25
4.75
5
2.2
2.0
1.8
1.9
0 °C
25 °C
85 °C
0
15
TA (C)
80
27
17
60
20
30
29
25
19
21
10
40
50
70
23
TPLH
TPHL


유사한 부품 번호 - HCPL-0710

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-0710 HP-HCPL-0710 Datasheet
130Kb / 2P
   40 ns Prop. Delay, SO-8 Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0710 AVAGO-HCPL-0710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
logo
Agilent(Hewlett-Packard...
HCPL-0710 HP-HCPL-0710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0710-000E AVAGO-HCPL-0710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0710-060E AVAGO-HCPL-0710-060E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

유사한 설명 - HCPL-0710

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL0710 HP-HCPL0710 Datasheet
130Kb / 2P
   40 ns Prop. Delay, SO-8 Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com