전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5640 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN5640
상세설명  FAN5640 Dual High-Side Constant Current Source for High-Voltage Keypad LED Illumination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5640 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5640 Datasheet HTML 3Page - Fairchild Semiconductor FAN5640 Datasheet HTML 4Page - Fairchild Semiconductor FAN5640 Datasheet HTML 5Page - Fairchild Semiconductor FAN5640 Datasheet HTML 6Page - Fairchild Semiconductor FAN5640 Datasheet HTML 7Page - Fairchild Semiconductor FAN5640 Datasheet HTML 8Page - Fairchild Semiconductor FAN5640 Datasheet HTML 9Page - Fairchild Semiconductor FAN5640 Datasheet HTML 10Page - Fairchild Semiconductor FAN5640 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5640 • Rev. 1.0.2
10
Physical Dimensions
DETAIL A
SCALE: 60X
B
1.90
2.00±0.20
0.50 MIN
1.00
0.80
1.10
0.80
0.10 C
0.25
0.10
0.46
0.26
0.20
GAGE
PLANE
(R0.10)
30°
SEATING
PLANE
C
0.10
0.00
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO EIAJ
SC-88, 1996.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE BURRS
OR MOLD FLASH.
D) DRAWING FILENAME: MKT-MAA06AREV6
2.10±0.30
0.10
AB
0.65
1.30
(0.25)
0.30
0.15
1
1.25±0.10
3
1.30
0.40 MIN
SEE DETAIL A
LAND PATTERN RECOMMENDATION
6
A
4
C
0.65
L
SYMM
PIN ONE
Figure 21. 6-Lead SC-70 Package Dimensions
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


유사한 부품 번호 - FAN5640

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
FAN5645MPX FAIRCHILD-FAN5645MPX Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
FAN5646 FAIRCHILD-FAN5646 Datasheet
398Kb / 2P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
FAN5646S700X FAIRCHILD-FAN5646S700X Datasheet
398Kb / 2P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
FAN5646S700X FAIRCHILD-FAN5646S700X_11 Datasheet
554Kb / 4P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
More results

유사한 설명 - FAN5640

제조업체부품명데이터시트상세설명
logo
Lumileds Lighting Compa...
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
LXH7-FW30 LUMILEDS-LXH7-FW30 Datasheet
1Mb / 19P
   High-Efficacy, Illumination Grade LED light source
logo
ON Semiconductor
AND8109 ONSEMI-AND8109 Datasheet
32Kb / 2P
   LED CONSTANT CURRENT SOURCE SCHEME
January, 2003 ??Rev. 0
NCP1360 ONSEMI-NCP1360_V01 Datasheet
1Mb / 31P
   Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller with/without High Voltage Startup Current Source
March, 2022 - Rev. 8
logo
Suzhou Juyuan Microelec...
PL3536 PMICRO-PL3536 Datasheet
278Kb / 8P
   High-precision constant voltage/constant current, primary side control
V1.0
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
   Constant current source
2001 May 07
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com