전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1120-A-GMR 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 SI1120-A-GMR
상세설명  PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SI1120-A-GMR 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  SI1120-A-GMR Datasheet HTML 1Page - List of Unclassifed Manufacturers SI1120-A-GMR Datasheet HTML 2Page - List of Unclassifed Manufacturers SI1120-A-GMR Datasheet HTML 3Page - List of Unclassifed Manufacturers SI1120-A-GMR Datasheet HTML 4Page - List of Unclassifed Manufacturers SI1120-A-GMR Datasheet HTML 5Page - List of Unclassifed Manufacturers SI1120-A-GMR Datasheet HTML 6Page - List of Unclassifed Manufacturers SI1120-A-GMR Datasheet HTML 7Page - List of Unclassifed Manufacturers SI1120-A-GMR Datasheet HTML 8Page - List of Unclassifed Manufacturers SI1120-A-GMR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Si1120
4
Rev. 1.0
1. Electrical Specifications
Table 1. Absolute Maximum Ratings*
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
–0.3
5.5
V
Operating Temperature
–40
85
°C
Storage Temperature
–65
85
°C
Voltage on TXO with respect to
GND
–0.3
5.5
V
Voltage on all other Pins with
respect to GND
–0.3
VDD + 0.3
V
Maximum Total Current through
TXO (TXO active)
——
500
mA
Maximum Total Current through
TXGD and VSS
——
600
mA
Maximum Total Current through
all other Pins
——
100
mA
ESD Rating
Human body model
2
kV
*Note: Stresses above those listed in this table may cause permanent damage to the device. This is a stress rating only, and
functional operation of the devices at those or any other conditions above those indicated in the operational listings of
this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device
reliability.
Table 2. Recommended Operating Conditions
Parameter
Symbol
Conditions / Notes
Min
Typ
Max
Units
Typical Operating Conditions (TA =25°C)
Supply Voltage
VDD
T = –40 to +85 °C,
VDD to GND, TXGD
2.2
3.3
3.7
V
Operating Temperature
–40
25
85
°C
SC/MD/STX High Threshold
VIH
VDD–0.7
V
SC/MD/STX Low Threshold
VIL
0.6
V
Active TXO Voltage1
——
1.0
V
ALS Operating Range
Edc
100
kLx
Proximity Conversion Frequency2
125
250
Hz
LED Emission Wavelength3
600
850
950
nm
Notes:
1. Minimum R1 resistance should be calculated based on LED forward voltage, maximum LED current, LED voltage rail
used, and maximum active TXO voltage.
2. When in Mode 0 and operating at 250 Hz, STX pulse width should be limited to 1 ms.
3. When using LEDs near the min and max wavelength limits, higher radiant intensities may be needed to achieve the end
system's proximity sensing performance goals.


유사한 부품 번호 - SI1120-A-GMR

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si1120-A-GM SILABS-Si1120-A-GM Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
More results

유사한 설명 - SI1120-A-GMR

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI1120 SILABS-SI1120_10 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
SI1120 SILABS-SI1120 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com