전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSC4110-FP 데이터시트(PDF) 6 Page - Agilent(Hewlett-Packard)

부품명 LSC4110-FP
상세설명  1 mW 14 Pin DIL Cooled Laser Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC4110-FP 데이터시트(HTML) 6 Page - Agilent(Hewlett-Packard)

  LSC4110-FP Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC4110-FP Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC4110-FP Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC4110-FP Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC4110-FP Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC4110-FP Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC4110-FP Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSC4110-FP Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
465
R
G
E
D
B
FIBER PIGTAIL
A
P
T
M
F
∅U
J
C
K L
S
∅N
∅H
DIM.
MIN.
MAX.
A
B
C
D
E
F
G
∅H
J
20.68
0.90
12.55
8.51
6.10
7.62 NOM.
2.54 NOM.
0.457 NOM.
7.01
20.98
1.10
13.00
9.60
6.60
7.21
ALL DIMENSIONS IN MILLIMETERS
DIM.
MIN.
MAX.
K
L
M
∅N
P
R
S
T
∅U
19.05 NOM.
25.10
30.00 NOM.
1000
5.80
6.00 NOM.
3.17 NOM.
25.70
4.20
6.20
6.00
LSC2110 Mechanical Outline


유사한 부품 번호 - LSC4110-FP

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
LSC4L HONEYWELL-LSC4L Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

유사한 설명 - LSC4110-FP

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
OKI electronic componet...
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
   MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
EUROQUARTZ limited
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
   14 pin DIL
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
logo
OKI electronic componet...
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
   MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com