전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74FCT273T 데이터시트(PDF) 3 Page - Integrated Device Technology

부품명 74FCT273T
상세설명  FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT273T 데이터시트(HTML) 3 Page - Integrated Device Technology

  74FCT273T Datasheet HTML 1Page - Integrated Device Technology 74FCT273T Datasheet HTML 2Page - Integrated Device Technology 74FCT273T Datasheet HTML 3Page - Integrated Device Technology 74FCT273T Datasheet HTML 4Page - Integrated Device Technology 74FCT273T Datasheet HTML 5Page - Integrated Device Technology 74FCT273T Datasheet HTML 6Page - Integrated Device Technology 74FCT273T Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT273T/AT/CT
FASTCMOSOCTALDFLIP-FLOPWITHMASTERRESET
3
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
±1µA
IIL
Input LOW Current(4)
VCC = Max.
VI = 0.5V
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
±1µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–60
–120
–225
mA
VOH
Output HIGH Voltage
VCC = Min
IOH = –6mA MIL
2.4
3.3
VIN = VIH or VIL
IOH = –8mA IND
V
IOH = –12mA MIL
2
3
IOH = –15mA IND
VOL
Output LOWVoltage
VCC = Min
IOL = 32mA MIL
0.3
0.5
V
VIN = VIH or VIL
IOL = 48mA IND
VH
Input Hysteresis
200
mV
ICC
Quiescent Power Supply Current
VCC = Max.
0.01
1
mA
VIN = GND or VCC
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±5%; Military: TA = –55°C to +125°C, VCC = 5.0V ±10%
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. The test limit for this parameter is ±5µA at TA = –55°C.


유사한 부품 번호 - 74FCT273T

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
74FCT273T IDT-74FCT273T Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273T IDT-74FCT273T Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results

유사한 설명 - 74FCT273T

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
IDT74FCT273T IDT-IDT74FCT273T Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT521CTQG IDT-74FCT521CTQG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273 IDT-IDT74FCT273 Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
   Quad D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com