전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84C9V1 데이터시트(PDF) 5 Page - MAKO SEMICONDUCTOR CO.,LIMITED

부품명 BZX84C9V1
상세설명  SOT-24 Plastic-Encapsulate Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
홈페이지  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

BZX84C9V1 데이터시트(HTML) 5 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  BZX84C9V1 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C9V1 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C9V1 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C9V1 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C9V1 Datasheet HTML 5Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MAKOSemiconductor
5
D$uJ
6277DSHDQG5HHO


유사한 부품 번호 - BZX84C9V1

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
BZX84C9V1 CENTRAL-BZX84C9V1 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
logo
Vishay Siliconix
BZX84C9V1 VISHAY-BZX84C9V1 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C9V1 BWTECH-BZX84C9V1 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
Yea Shin Technology Co....
BZX84C9V1 YEASHIN-BZX84C9V1 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Central Semiconductor C...
BZX84C9V1 CENTRAL-BZX84C9V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

유사한 설명 - BZX84C9V1

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
1SS226 TGS-1SS226 Datasheet
443Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
BAS21X WILLAS-BAS21X Datasheet
412Kb / 3P
   SOT-23 Plastic-Encapsulate Diodes
MMBD4148TW WILLAS-MMBD4148TW Datasheet
391Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
BAV70T WILLAS-BAV70T Datasheet
374Kb / 3P
   SOT-523 Plastic-Encapsulate Diodes
DAP222M WILLAS-DAP222M Datasheet
322Kb / 2P
   SOT-723 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
BAS16LT1 KISEMICONDUCTOR-BAS16LT1 Datasheet
2Mb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C4V3 MAKOSEMI-BZX84C4V3 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-200MA-SOT-23 DGNJDZ-BAS40-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
1SS344 HDSEMI-1SS344 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
BAS70 HDSEMI-BAS70 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com