전자부품 데이터시트 검색엔진 |
|
74ACT139PC 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
74ACT139PC 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 9 page www.fairchildsemi.com 2 Logic Symbols IEEE/IEC Truth Table H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Functional Description The AC/ACT139 is a high-speed dual 1-of-4 decoder/ demultiplexer. The device has two independent decoders, each of which accepts two binary weighted inputs (A0–A1) and provides four mutually exclusive active-LOW outputs (O0–O3). Each decoder has an active-LOW enable (E). When E is HIGH all outputs are forced HIGH. The enable can be used as the data input for a 4-output demultiplexer application. Each half of the AC/ACT139 generates all four minterms of two variables. These four minterms are useful in some applications, replacing multiple gate functions as shown in Figure 1, and thereby reducing the number of packages required in a logic network. FIGURE 1. Gate Functions (Each Half) Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. Inputs Outputs E A0 A1 O0 O1 O2 O3 H X X HHHH L LLL H H H L H LH LH H L L HHH L H L HHHHH L |
유사한 부품 번호 - 74ACT139PC |
|
유사한 설명 - 74ACT139PC |