전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTP35N15G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 NTP35N15G
상세설명  Power MOSFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP35N15G 데이터시트(HTML) 1 Page - ON Semiconductor

  NTP35N15G Datasheet HTML 1Page - ON Semiconductor NTP35N15G Datasheet HTML 2Page - ON Semiconductor NTP35N15G Datasheet HTML 3Page - ON Semiconductor NTP35N15G Datasheet HTML 4Page - ON Semiconductor NTP35N15G Datasheet HTML 5Page - ON Semiconductor NTP35N15G Datasheet HTML 6Page - ON Semiconductor NTP35N15G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2010
May, 2010 − Rev. 4
1
Publication Order Number:
NTP35N15/D
NTP35N15
Power MOSFET
37 Amps, 150 Volts
N−Channel TO−220
Features
Source−to−DrainDiode Recovery Time Comparable to a Discrete
Fast Recovery Diode
Avalanche Energy Specified
IDSS and RDS(on) Specified at Elevated Temperature
This is a Pb−Free Device*
Applications
PWM Motor Controls
Power Supplies
Converters
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
150
Vdc
Drain−to−Source Voltage (RGS = 1.0 MW)
VDGR
150
Vdc
Gate−to−Source Voltage
− Continuous
− Non−Repetitive (tpv10 ms)
VGS
VGSM
"20
"40
Vdc
Drain Current
− Continuous @ TA 25°C
− Continuous @ TA 100°C
− Pulsed (Note 1)
ID
ID
IDM
37
23
111
Adc
Total Power Dissipation @ TA = 25°C
Derate above 25°C
PD
178
1.43
W
W/°C
Operating and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Single Drain−to−Source Avalanche Energy −
Starting TJ = 25°C
(VDD = 100 Vdc, VGS = 10 Vdc,
IL(pk) = 21.6 A, L = 3.0 mH, RG = 25 W)
EAS
700
mJ
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient
RqJC
RqJA
0.7
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from case for 10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Pulse Test: Pulse Width = 10 ms, Duty Cycle = 2%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
37 AMPERES
150 VOLTS
50 mW @ VGS = 10 V
N−Channel
D
S
G
http://onsemi.com
TO−220
CASE 221A
STYLE 5
1
2
3
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
Device
Package
Shipping
ORDERING INFORMATION
NTP35N15G
TO−220
(Pb−Free)
50 Units / Rail
35N15G
AYWW
DS
D
G
1
MARKING DIAGRAM &
PIN ASSIGNMENT


유사한 부품 번호 - NTP35N15G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15 ONSEMI-NTP35N15 Datasheet
73Kb / 8P
   Power MOSFET 37 Amps, 150 Volts
December, 2003 ??Rev. 2
More results

유사한 설명 - NTP35N15G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com