전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB2540DC 데이터시트(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

부품명 SB2540DC
상세설명  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
홈페이지  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SB2540DC 데이터시트(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SB2540DC Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2540DC Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2540DC Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2540DC Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2540DC Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0879, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113 (86) 25-87123907 •
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SB2540DC
1
10
100
0.20.3
0.40.5
0.60.7
0.80.9
1
1.1
Forw ard Voltage Drop(V)
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Reverse Voltage (%)
10
100
1000
0
5
10
15
20
25
30
35
40
Reverse Voltage-VR(V)
Fig.1-Typical Junction Capacitance
Fig.2-Typical Reverse Characteristics
Fig.3-Typical Instantaneous Forward Voltage Characteristics
TJ=25℃
TJ=125℃
TJ=25℃
TJ=125℃
TJ=25℃


유사한 부품 번호 - SB2540DC

제조업체부품명데이터시트상세설명
logo
Sangdest Microelectroni...
SB2540DC SMC-SB2540DC Datasheet
127Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
SB2540DC SMCDIODE-SB2540DC Datasheet
838Kb / 4P
   SB2540DC SCHOTTKY RECTIFIER
Rev. A
More results

유사한 설명 - SB2540DC

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com