전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3851_2014 데이터시트(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 2SC3851_2014
상세설명  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC3851_2014 데이터시트(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC3851_2014 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC3851_2014 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC3851_2014 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC3851_2014 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon NPN Power Transistors
2SC3851 2SC3851A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SC3851
60
V(BR)CEO
Collector-emitter
breakdown voltage
2SC3851A
IC=25mA ; IB=0
80
V
VCEsat
Collector-emitter saturation voltage
IC=2.0A;IB=0.2A
0.5
V
2SC3851
VCB=80V;IE=0
0.1
mA
ICBO
Collector cut-off
current
2SC3851A
VCB=100V;IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=6V; IC=0
0.1
mA
hFE
DC current gain
IC=1A ; VCE=4V
40
320
fT
Transition frequency
IC=0.2A ; VCE=12V
15
MHz
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
60
pF
Switching time
ton
Turn-on time
0.20
μs
ts
Storage time
1.00
μs
tf
Fall time
IC=2.0A IB1=-IB2=0.2A
VCC=12V ,RL=6Ω
0.30
μs


유사한 부품 번호 - 2SC3851_2014

제조업체부품명데이터시트상세설명
logo
Sanken electric
2SC3851A SANKEN-2SC3851A Datasheet
24Kb / 1P
   Silicon NPN Epitaxial Planar Transistor(Audio and PPC High Voltage Power Supply, and General Purpose)
logo
Savantic, Inc.
2SC3851A SAVANTIC-2SC3851A Datasheet
245Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3851A JMNIC-2SC3851A Datasheet
186Kb / 4P
   Silicon NPN Power Transistors
logo
Sanken electric
2SC3851A SANKEN-2SC3851A Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Inchange Semiconductor ...
2SC3851A ISC-2SC3851A Datasheet
157Kb / 4P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SC3851_2014

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com