전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC40103N 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74HC40103N
상세설명  8-bit synchronous binary down counter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC40103N 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74HC40103N Datasheet HTML 7Page - NXP Semiconductors 74HC40103N Datasheet HTML 8Page - NXP Semiconductors 74HC40103N Datasheet HTML 9Page - NXP Semiconductors 74HC40103N Datasheet HTML 10Page - NXP Semiconductors 74HC40103N Datasheet HTML 11Page - NXP Semiconductors 74HC40103N Datasheet HTML 12Page - NXP Semiconductors 74HC40103N Datasheet HTML 13Page - NXP Semiconductors 74HC40103N Datasheet HTML 14Page - NXP Semiconductors 74HC40103N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
9397 750 13812
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
11 of 25
Philips Semiconductors
74HC40103
8-bit synchronous binary down counter
tW
CP clock pulse width HIGH or
LOW
see Figure 7
VCC = 2.0 V
165
22
-
ns
VCC = 4.5 V
33
8
-
ns
VCC = 6.0 V
28
6
-
ns
MR master reset pulse width
LOW
see Figure 9
VCC = 2.0 V
125
39
-
ns
VCC = 4.5 V
25
14
-
ns
VCC = 6.0 V
21
11
-
ns
PL preset enable pulse width
LOW
see Figure 9
VCC = 2.0 V
125
33
-
ns
VCC = 4.5 V
25
12
-
ns
VCC = 6.0 V
21
10
-
ns
trem
removal time MR to CP, PL to CP
see Figure 10
VCC = 2.0 V
50
14
-
ns
VCC = 4.5 V
10
5
-
ns
VCC = 6.0 V
9
4
-
ns
tsu
set-up time PE to CP
see Figure 11
VCC = 2.0 V
75
22
-
ns
VCC = 4.5 V
15
8
-
ns
VCC = 6.0 V
13
6
-
ns
set-up time TE to CP
see Figure 12
VCC = 2.0 V
150
44
-
ns
VCC = 4.5 V
30
16
-
ns
VCC = 6.0 V
26
13
-
ns
set-up time Pn to CP
see Figure 11
VCC = 2.0 V
75
22
-
ns
VCC = 4.5 V
15
8
-
ns
VCC = 6.0 V
13
6
-
ns
th
hold time PE to CP
see Figure 11
VCC = 2.0 V
0
−14
-
ns
VCC = 4.5 V
0
−5-
ns
VCC = 6.0 V
0
−4-
ns
hold time TE to CP
see Figure 12
VCC = 2.0 V
0
−30
-
ns
VCC = 4.5 V
0
−11
-
ns
VCC = 6.0 V
0
−9-
ns
hold time Pn to CP
see Figure 11
VCC = 2.0 V
0
−17
-
ns
VCC = 4.5 V
0
−6-
ns
VCC = 6.0 V
0
−5-
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; see Figure 13.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74HC40103N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC40103N PHILIPS-74HC40103N Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HC40103N ICST-74HC40103N Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
More results

유사한 설명 - 74HC40103N

제조업체부품명데이터시트상세설명
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Nexperia B.V. All right...
74HC40103 NEXPERIA-74HC40103 Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
Texas Instruments
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com