전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G07GW 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74LVC2G07GW
상세설명  Buffers with open-drain outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G07GW 데이터시트(HTML) 3 Page - NXP Semiconductors

  74LVC2G07GW Datasheet HTML 1Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 2Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 3Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 4Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 5Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 6Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 7Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 8Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74LVC2G07
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 4 July 2012
3 of 18
NXP Semiconductors
74LVC2G07
Buffers with open-drain outputs
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
Fig 4.
Pin configuration SOT363
and SOT457
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891,
SOT1115 and SOT1202
74LVC2G07
1A
1Y
GND
2A
2Y
001aab670
1
2
3
6
VCC
5
4
74LVC2G07
GND
001aab671
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
74LVC2G07
GND
001aag423
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
1A
1
data input
GND
2
ground (0 V)
2A
3
data input
2Y
4
data output
VCC
5
supply voltage
1Y
6
data output
Table 4.
Function table[1]
Input nA
Output nY
LL
HZ


유사한 부품 번호 - 74LVC2G07GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G07GW PHILIPS-74LVC2G07GW Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
74LVC2G07GW NXP-74LVC2G07GW Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G07GW NEXPERIA-74LVC2G07GW Datasheet
257Kb / 17P
   Buffers with open-drain outputs
Rev. 12 - 24 January 2022
74LVC2G07GW-Q100 NEXPERIA-74LVC2G07GW-Q100 Datasheet
779Kb / 13P
   Buffers with open-drain outputs
More results

유사한 설명 - 74LVC2G07GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G07 PHILIPS-74LVC2G07 Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07_15 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC2G07 NXP-74LVC2G07 Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G07-Q100 NEXPERIA-74LVC2G07-Q100 Datasheet
779Kb / 13P
   Buffers with open-drain outputs
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G07 NEXPERIA-74LVC2G07 Datasheet
257Kb / 17P
   Buffers with open-drain outputs
Rev. 12 - 24 January 2022
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74AUP2G07 DIODES-74AUP2G07 Datasheet
443Kb / 12P
   DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
74LV07A DIODES-74LV07A Datasheet
297Kb / 9P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com