전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC10 데이터시트(PDF) 9 Page - Analog Devices

부품명 DAC10
상세설명  10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

DAC10 데이터시트(HTML) 9 Page - Analog Devices

Back Button DAC10 Datasheet HTML 2Page - Analog Devices DAC10 Datasheet HTML 3Page - Analog Devices DAC10 Datasheet HTML 4Page - Analog Devices DAC10 Datasheet HTML 5Page - Analog Devices DAC10 Datasheet HTML 6Page - Analog Devices DAC10 Datasheet HTML 7Page - Analog Devices DAC10 Datasheet HTML 8Page - Analog Devices DAC10 Datasheet HTML 9Page - Analog Devices DAC10 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DAC10
REV. D
–9–
ANALOG OUTPUT CURRENTS
Both true and complemented output sink currents are provided
where I
O + IO = I FS . Current appears at the “true” output
when a “1” is applied to each logic input. As the binary count
increases, the sink current at Pin 4 increases proportionally, in
the fashion of a “positive logic” D/A converter. When a “0” is
applied to any input bit, that current is turned off at Pin 4 and
turned on at Pin 2. A decreasing logic count increases IO as in
a negative or inverted logic D/A converter. Both outputs may be
used simultaneously. If one of the outputs is not required, it
must still be connected to ground or to a point capable of sourc-
ing IFS. DO NOT LEAVE AN UNUSED OUTPUT PIN OPEN.
Both outputs have an extremely wide voltage compliance en-
abling fast direct current-to-voltage conversion through a resis-
tor tied to ground or other voltage source. Positive compliance
is 36 V above V– and is independent of the positive supply.
Negative compliance is +10 V above V–.
The dual outputs enable double the usual peak-to-peak load
swing when driving loads in quasi-differential fashion. This
feature is especially useful in cable driving, CRT deflection and
in other balanced applications such as driving center-tapped
coils and transformers.
POWER SUPPLIES
The DAC10 operates over a wide range of power supply volt-
ages from a total supply of 9 V to 36 V. When operating with V–
supplies of –10 V or less, IREF ≤ 1 mA is recommended. Low
reference current operation decreases power consumption and
increases negative compliance, reference amplifier negative
common-mode range, negative logic input range and negative
logic threshold range; consult the various figures for guidance.
For example, operation at –9 V with IREF = 2 mA is not recom-
mended because negative output compliance would be reduced
to near zero. Operation from lower supplies is possible, however
at least 8 V total must be applied to ensure turn-on of the inter-
nal bias network.
Symmetrical supplies are not required, as the DAC10 is quite
insensitive to variations in supply voltage. Battery operation is
feasible as no ground connection is required; however, an artifi-
cial ground may be used to ensure that logic swings, etc., remain
within acceptable limits.
TEMPERATURE PERFORMANCE
The nonlinearity and monotonicity specifications of the DAC10
are guaranteed to apply over the entire rated operating tempera-
ture range. Full-scale output current drift is tight, typically
+10 ppm/
°C, with zero-scale output current and drift essentially
negligible compared to 1/2 LSB.
The temperature coefficient of the reference resistor, R14,
should match and track that of the output resistor for minimum
overall full-scale drift. Settling times of the DAC10 decrease
approximately 10% at –55
°C; an increase of about 15% is typi-
cal at +125
°C.
SETTLING TIME
The DAC10 is capable of extremely fast settling times; typically
85 ns at IREF = 2 mA. Judicious circuit design and careful board
layout must be employed to obtain full performance potential
during testing and application. The logic switch design enables
propagation delays of only 35 ns for each of the 10 bits. Settling
time to within 1/2 LSB of the LSB is therefore 35 ns, with each
progressively larger bit taking successively longer. The MSB
settles in 85 ns, thus determining the overall settling time of
130 ns. Settling to 8-bit accuracy requires about 60 ns to 78 ns.
The output capacitance of the DAC10, including the package, is
approximately 18 pF; therefore, the output RC time constant
dominates settling time if RL > 500 Ω.
Settling time and propagation delay are relatively insensitive to
logic input amplitude and rise and fall times, due to the high
gain of the logic switches. Settling time also remains essentially
constant for IREF values down to 1 mA, with gradual increases
for lower IREF values. The principal advantage of higher IREF
values lies in the ability to attain a given output level with lower
load resistors, thus reducing the output RC time constant.
Measurement of settling time requires the ability to accurately
resolve
±2 µA; therefore, a 4 kΩ load is needed to provide ad-
equate drive for most oscilloscopes. The settling time fixture of
schematic titled “Settling Time Measurement” uses a cascode
design to permit driving a 4 k
Ω load with less than 5 pF of para-
sitic capacitance at the measurement node. At IREF values of less
than 1 mA, excessive RC damping of the output is difficult to
prevent while maintaining adequate sensitivity. However, the
major carry from 0111111111 to 1000000000 provides an accu-
rate indicator of settling time. This code change does not re-
quire the normal 6.2 time constants to settle to within
±0.2% of
the final value, and thus settling times may be observed at lower
values of IREF.
DAC10 switching transients or “glitches” are very low and may
be further reduced by small capacitive loads at the output with a
minor sacrifice in settling time.
Fastest operation can be obtained by using short leads, minimiz-
ing output capacitance and load resistor values, and by adequate
bypassing at the supply, reference and VLC terminals. Supplies
do not require large electrolytic bypass capacitors as the supply
current drain is independent of input logic states; 0.1
µF capaci-
tors at the supply pins provide full transient protection.


유사한 부품 번호 - DAC10

제조업체부품명데이터시트상세설명
logo
Analog Devices
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
logo
ETA-USA
DAC10 ETA-USA-DAC10 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10-05 ETA-USA-DAC10-05 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10-05 ETA-USA-DAC10-05 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10-12 ETA-USA-DAC10-12 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
More results

유사한 설명 - DAC10

제조업체부품명데이터시트상세설명
logo
Analog Devices
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08CP AD-DAC08CP Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08Q-883C AD-DAC08Q-883C Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com