전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4004-M4 데이터시트(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

부품명 1N4004-M4
상세설명  SURFACE MOUNT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
홈페이지  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

1N4004-M4 데이터시트(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  1N4004-M4 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 1N4004-M4 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.5± 0.1
1.3± 0.2
0.2± 0.05
5.1± 0.2
FEATURES
For surface mounted applications
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case: JEDEC
DO-214AC,molded plastic
Terminals: Solder plated, solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.064 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
M3
M4
M5
M6
M7 UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forward rectified
current
@TL=110
I(AV)
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load TJ=125
Maximum instantaneous forward
voltage at 1.0 A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage @TA=100
I R
µA
Typical junction capacitance (Note1)
CJ
pF
Typical thermal resistance (Note2)
RθJA
/W
Operating temperature range
TJ
Storage temperature range
TSTG
2. Thermal resistance from junction to ambient
35
70
SURFACE MOUNT RECTIFIERS
Easily cleaned with Alcohol,Isopropnol
and similar solvents
The plastic material carries U/L
recognition 94V-0
Dimensions in millimeters
50
100
1.0
1.1
M1
M2
DO-214AC(
SMA)
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
IFSM
A
30
-
55 --- + 150
-
55 --- + 150
15
5.0
50
75
50
100
M1---M7
Page: P2 - P1
Parameter
MAKO SEMICONDUCTOR CO.,LIMITED
http://www.makosemi.hk/


유사한 부품 번호 - 1N4004-M4

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
1N4004-A DIODES-1N4004-A Datasheet
74Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 7 - 2
1N4004-B DIODES-1N4004-B Datasheet
74Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 7 - 2
logo
Comchip Technology
1N4004-G COMCHIP-1N4004-G Datasheet
97Kb / 2P
   General Purpose Rectifier
1N4004-G COMCHIP-1N4004-G Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
logo
Guangdong Kexin Industr...
1N4004-HF KEXIN-1N4004-HF Datasheet
794Kb / 2P
   Rectifier Diodes
More results

유사한 설명 - 1N4004-M4

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com