전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BB152_2015 데이터시트(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BB152_2015
부품 상세설명  VHF variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BB152_2015 데이터시트(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BB152_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004 Feb 25
2
Philips Semiconductors
Product specification
VHF variable capacitance diode
BB152
FEATURES
• High linearity
• Excellent matching to 2% DMA
• Very small plastic SMD package
• C28: 2.7 pF; ratio: 22
• Low series resistance.
APPLICATIONS
• Electronic tuning in VHF television tuners, band A up to
160 MHz
• Voltage controlled oscillators (VCO).
DESCRIPTION
The BB152 is a planar technology variable capacitance
diode, in a SOD323 (SC-76) package. The excellent
matching performance is achieved by gliding matching
and a direct matching assembly procedure.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1
Simplified outline (SOD323; SC-76) and
symbol.
Marking code: PB.
The marking bar indicates the cathode.
sym008
Top view
2
1
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BB152
plastic surface mounted package; 2 leads
SOD323
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
32
V
VRM
peak reverse voltage
in series with a 10 k
Ω resistor
35
V
IF
continuous forward current
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+125
°C


유사한 부품 번호 - BB152_2015

제조업체부품명데이터시트부품 상세설명
NXP Semiconductors
NXP Semiconductors
BB152 NXP-BB152_04 Datasheet
58Kb / 7P
   VHF variable capacitance diode
2004 Feb 25
Quanzhou Jinmei Electronic Co.,Ltd.
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
More results

유사한 설명 - BB152_2015

제조업체부품명데이터시트부품 상세설명
NXP Semiconductors
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
Quanzhou Jinmei Electronic Co.,Ltd.
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
NXP Semiconductors
NXP Semiconductors
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB173 NXP-BB173 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB181LX PHILIPS-BB181LX Datasheet
49Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1  2  3  4  5  6  7 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com