전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1203_2015 데이터시트(PDF) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BF1203_2015
상세설명  Dual N-channel dual gate MOS-FET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1203_2015 데이터시트(HTML) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1203_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_2015 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_2015 Datasheet HTML 14Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_2015 Datasheet HTML 15Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2001 Apr 25
11
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FET
BF1203
DYNAMIC CHARACTERISTICS AMPLIFIER b
Common source; Tamb =25 °C; VG2-S =4V; VDS =5V; ID = 12 mA; unless otherwise specified.
Notes
1. Calculated from measured s-parameters.
2. Measured in Fig.35 test circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
yfs
forward transfer admittance
pulsed; Tj =25 °C
253040mS
Cig1-ss
input capacitance at gate 1
f = 1 MHz
1.7
2.2
pF
Cig2-ss
input capacitance at gate 2
f = 1 MHz
4
pF
Coss
output capacitance
f = 1 MHz
0.85
pF
Crss
reverse transfer capacitance f = 1 MHz
15
30
fF
F
noise figure
f = 10.7 MHz; GS = 20 mS; BS =0
911
dB
f = 400 MHz; YS =YS opt
0.9
1.5
dB
f = 800 MHz; YS =YS opt
1.1
1.8
dB
Gtr
power gain
f = 200 MHz; GS = 2 mS; BS =BS opt;
GL = 0.5 mS; BL =BL opt; note 1
34
dB
f = 400 MHz; GS = 2 mS; BS =BS opt;
GL = 1 mS; BL =BL opt; note 1
30
dB
f = 800 MHz; GS = 3.3 mS; BS =BS opt;
GL = 1 mS; BL =BL opt; note 1
25
dB
Xmod
cross-modulation
input level for k = 1%; fw = 50 MHz;
funw = 60 MHz; note 2
at 0 dB AGC
90
−−
dB
µV
at 10 dB AGC
92
dB
µV
at 40 dB AGC
100
105
dB
µV


유사한 부품 번호 - BF1203_2015

제조업체부품명데이터시트상세설명
logo
CoolCox Limited All rig...
BF12032 COOLCOX-BF12032 Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H12D COOLCOX-BF12032H12D Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H12S COOLCOX-BF12032H12S Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H24D COOLCOX-BF12032H24D Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H24S COOLCOX-BF12032H24S Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
More results

유사한 설명 - BF1203_2015

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com