전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1214_2015 데이터시트(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BF1214_2015
상세설명  Dual N-channel dual gate MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1214_2015 데이터시트(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1214_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
BF1214_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 October 2007
8 of 18
NXP Semiconductors
BF1214
Dual N-channel dual gate MOSFET
(1) RG1 =47kΩ.
(2) RG1 =56kΩ.
(3) RG1 =68kΩ.
(4) RG1 =82kΩ.
(5) RG1 = 100 kΩ.
(6) RG1 = 120 kΩ.
(7) RG1 = 150 kΩ.
(8) RG1 = 180 kΩ.
(9) RG1 = 220 kΩ.
VG2-S =4V; Tj =25 °C.
(1) VGG = 5.0 V.
(2) VGG = 4.5 V.
(3) VGG = 4.0 V.
(4) VGG = 3.5 V.
(5) VGG = 3.0 V.
Tj =25 °C; RG1 =68kΩ (connected to VGG).
Fig 8.
Drain current as a function of VDS and VGG;
typical values
Fig 9.
Drain current as a function of gate2 voltage;
typical values
001aag999
VGG = VDS (V)
05
4
23
1
10
15
5
20
25
ID
(mA)
0
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
001aah000
VG2-S (V)
05
4
23
1
10
20
30
ID
(mA)
0
(1)
(2)
(3)
(4)
(5)


유사한 부품 번호 - BF1214_2015

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
More results

유사한 설명 - BF1214_2015

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com