전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAN-20 데이터시트(PDF) 1 Page - Cooper Bussmann, Inc.

부품명 BAN-20
상세설명  Ferrule Type, Fast-Acting Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BAN-20 데이터시트(HTML) 1 Page - Cooper Bussmann, Inc.

  BAN-20 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10-2-02
SB02295
Ferrule Type, Fast-Acting Fuses
BAN
For 13/32∑ x 1-1/2∑ (10.3mm x 38.1mm)
FormNo.BAN
Page1of1
DataSheet:2046
Bussmann®
RMSSYMMETRICALCURRENTINAMPERES
100
10
1
.1
.01
AMPERE
RATING
Time-Current Characteristic Curves–Average Melt
(Full Size Curves Available)
Electrical Ratings (Catalog Symbol and Amperes)
250Vac
BAN-1
BAN-5
BAN-10
BAN-25
BAN-2
BAN-6
BAN-12
BAN-30
BAN-3
BAN-7
BAN-15
BAN-4
BAN-8
BAN-20
Carton Quantity andWeight
Ampere Carton
Weight*
Ratings
Qty
Lbs.
Kg.
1-30
100
1.4
635
*Weightpercarton.
Catalog Symbol:
BAN
13/32”x1-1/2”(10.3mmx38.1mm)5AG
FerruleType,Fast-Acting
1-30A
250Vac
Body Material:
FIBRETUBE
Ferrule Material:
BRONZE
Ferrule Plating:
NICKEL
Interrupting Ratings:MilitaryTested
35A(1.1-3.5A)
100A(3.6-10A)
200A(10.1-15A)
750A(15.1-30A)
• Fibre;formerly5AB.
• MountsinBussBMseriesfuseblocks.
1.5"
(±0.031)
(38.1mm)
0.41"
(±0.004)
(10.3mm)
Dimensional Data
The only controlled copy of this Data Sheet
is the electronic read-only version located on the Bussmann Network Drive. All other copies of this Data Sheet are by definition uncontrolled. This bulletin is intended to clear-
ly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any prod-
ucts and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected,
it should be tested by the user in all possible applications.
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 636-527-1270 for more information.
Recommended fuseblocks/fuseholders for
13/32” x 1-1/2” fuses
See Data Sheets listed below
• Open fuseblocks - 1104, 2104
• Finger-safe fuseholders - 1109, 1102, 1103, 1151
• Panel-mount fuseholders - 2114, 2113, 2108,
2112, 2109, 2140
• In-line fuseholders - 2127, 2126
BANFu
seSerie
sDiscon
tinued
Effective
July31,
2013
Recomm
endedR
eplacem
entisth
eBAFS
eries.
SeeDa
taShee
t#2011
forSpec
ification
s.


유사한 부품 번호 - BAN-20

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
BANOHARDWARE PULSE-BANOHARDWARE Datasheet
3Mb / 4P
   PARTS/ACCESSORIES
More results

유사한 설명 - BAN-20

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
KTQ COOPER-KTQ Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
ATM-10 COOPER-ATM-10 Datasheet
83Kb / 1P
   Blade-Type Fuses ATM Series, Fast Acting
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
   Fast Acting SMD Fuses
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
   Fast-Acting Midget Fuses
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com