전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3941FP 데이터시트(PDF) 2 Page - Rohm

부품명 BD3941FP
상세설명  Power Management LSI Series for Automotive Body Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3941FP 데이터시트(HTML) 2 Page - Rohm

  BD3941FP Datasheet HTML 1Page - Rohm BD3941FP Datasheet HTML 2Page - Rohm BD3941FP Datasheet HTML 3Page - Rohm BD3941FP Datasheet HTML 4Page - Rohm BD3941FP Datasheet HTML 5Page - Rohm BD3941FP Datasheet HTML 6Page - Rohm BD3941FP Datasheet HTML 7Page - Rohm BD3941FP Datasheet HTML 8Page - Rohm BD3941FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/8
Recommended operating conditions
(Ta = 25°C)
Parameter
Symbol
Min.
Max.
Unit
BD3940FP/HFP
Vcc
4.5
25.0
V
Input voltage
BD3941FP/HFP/T
Vcc
6.2
25.0
V
Output current
Io
500
mA
Electrical characteristics
(Unless otherwise specified, Ta = 25°C; Vcc = 13.2 V; Io = 200 mA)
Limit
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Bias current 1
Ib1
30
40
µA
Io = 0 mA
Bias current 2
Ib2
30
µA
Io = 200 mA
BD3940FP
Vo
3.234
3.300
3.366
V
Output voltage
BD3941FP/HFP/T
Vo
4.900
5.000
5.100
V
Output current
Io
500
mA
BD3940FP
Vcc = 3.135 V, Io = 100 mA
Minimum I/O voltage
difference
BD3941FP/HFP/T
∆Vd
0.45
0.65
V
Vcc = 4.75 V, Io = 200 mA
Ripple rejection
R.R.
45
55
dB
f = 120 Hz, ein = 1 Vrms,
Io = 100 mA
BD3940FP
Vcc = 4.5 V
→ 25 V
Input stability
BD3941FP/HFP/T
Reg.I
10
30
mV
Vcc = 6.2 V
→ 25 V
Load stability
Reg.L
20
60
mV
Io = 0 mA
→ 200 mA
Electrical characteristics
(Unless otherwise specified, Ta = −40°C to +125°C; Vcc = 13.2 V; Io = 200 mA)
Limit
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Bias current 1
Ib1
30
40
µA
Io = 0 mA
Bias current 2
Ib2
30
µA
Io = 200 mA
BD3940FP
Vo
3.168
3.300
3.366
V
Output voltage
BD3941FP/HFP/T
Vo
4.800
5.000
5.100
V
Output current
Io
500
mA
BD3940FP
Vcc = 3.135 V, Io = 100 mA
Minimum I/O voltage
difference
BD3941FP/HFP/T
∆Vd
0.9
V
Vcc = 4.75 V, Io = 200 mA
Ripple rejection
R.R.
45
55
dB
f = 120 Hz, ein = 1 Vrms,
Io = 100 mA
BD3940FP
Vcc = 4.5 V
→ 25 V
Input stability
BD3941FP/HFP/T
Reg.l
10
45
mV
Vcc = 6.2 V
→ 25 V
Load stability
Reg.L
20
60
mV
Io = 0 mA
→ 200 mA
Note: This IC is not designed to be radiation-resistant.
Note: All characteristics are measured with 0.33
µF and 0.1 µF capacitors connected to input and output pins, respectively.
Because measurements (pulse measurements) were taken when Ta
≈ Tj, data other than the output voltage/temperature coefficient
does not include fluctuations due to temperature variations.


유사한 부품 번호 - BD3941FP

제조업체부품명데이터시트상세설명
logo
Rohm
BD3941FP ROHM-BD3941FP Datasheet
336Kb / 6P
   Reference Voltage Regulator
BD3941FP ROHM-BD3941FP Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
More results

유사한 설명 - BD3941FP

제조업체부품명데이터시트상세설명
logo
Rohm
BD3940FP-E2 ROHM-BD3940FP-E2 Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
BD6941FM ROHM-BD6941FM_09 Datasheet
327Kb / 9P
   Power Management IC Series for Automotive Body Control Motor Driver
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
BD7185AGWL ROHM-BD7185AGWL Datasheet
1Mb / 79P
   Power Management LSI
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
BH6176GU ROHM-BH6176GU_11 Datasheet
177Kb / 5P
   Silicon Monolithic Integrated Circuit Power Management LSI for MultiMedia LSI on Cellular
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com