전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA78XXAE 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 KA78XXAE
상세설명  3-Terminal 1 A Positive Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78XXAE 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  KA78XXAE Datasheet HTML 1Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 2Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 3Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 4Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 5Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 6Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 7Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 8Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78XXE / KA78XXAE Rev. 1.1.1
2
Ordering Information
Note:
1. Above output voltage tolerance is available at 25°C.
2. Refer to below figure for TM / TF Suffix for DPAK.
Product Number
Output Voltage
Tolerance
Package
Operating
Temperature
Parking Method
KA7805ETU
±4%
TO-220 (Dual Gauge)
0°C to +125°C
Rail
KA7806ETU
KA7808ETU
KA7809ETU
KA7810ETU
KA7812ETU
KA7815ETU
KA7818ETU
KA7824ETU
KA7805AETU
±2%
KA7809AETU
KA7810AETU
KA7812AETU
KA7815AETU
KA7824AETU
KA7805ERTF
±4%
D-PAK
Tape and Reel
KA7805ERTM
KA7808ERTM
KA7809ERTM
KA7812ERTM


유사한 부품 번호 - KA78XXAE

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA78XXAE FAIRCHILD-KA78XXAE Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
More results

유사한 설명 - KA78XXAE

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7808 SEMTECH_ELEC-ST7808 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7812 SEMTECH_ELEC-7812 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com