전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-1320-YS000 데이터시트(PDF) 7 Page - Agilent(Hewlett-Packard)

부품명 HLMP-1320-YS000
상세설명  T-1 (3 mm) High Intensity LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1320-YS000 데이터시트(HTML) 7 Page - Agilent(Hewlett-Packard)

  HLMP-1320-YS000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Intensity Bin Limits, continued
Intensity Range (mcd)
Color
Bin
Min.
Max.
E
7.6
12.0
F
12.0
19.1
G
19.1
30.7
H
30.7
49.1
I
49.1
78.5
J
78.5
125.7
K
125.7
201.1
L
201.1
289.0
Green
M
289.0
417.0
N
417.0
680.0
O
680.0
1100.0
P
1100.0
1800.0
Q
1800.0
2700.0
R
2700.0
4300.0
S
4300.0
6800.0
T
6800.0
10800.0
U
10800.0
16000.0
V
16000.0
25000.0
W
25000.0
40000.0
Intensity Bin Limits
Intensity Range (mcd)
Color
Bin
Min.
Max.
G
9.7
15.5
H
15.5
24.8
I
24.8
39.6
J
39.6
63.4
K
63.4
101.5
L
101.5
162.4
M
162.4
234.6
N
234.6
340.0
O
340.0
540.0
Red
P
540.0
850.0
Q
850.0
1200.0
R
1200.0
1700.0
S
1700.0
2400.0
T
2400.0
3400.0
U
3400.0
4900.0
V
4900.0
7100.0
W
7100.0
10200.0
X
10200.0
14800.0
Y
14800.0
21400.0
Z
21400.0
30900.0
F
10.3
16.6
G
16.6
26.5
H
26.5
42.3
I
42.3
67.7
J
67.7
108.2
K
108.2
173.2
L
173.2
250.0
Yellow
M
250.0
360.0
N
360.0
510.0
O
510.0
800.0
P
800.0
1250.0
Q
1250.0
1800.0
R
1800.0
2900.0
S
2900.0
4700.0
T
4700.0
7200.0
U
7200.0
11700.0
V
11700.0
18000.0
W
18000.0
27000.0
Maximum tolerance for each bin limit is
± 18%.


유사한 부품 번호 - HLMP-1320-YS000

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-1320 QT-HLMP-1320 Datasheet
244Kb / 3P
   CLEAR LENS T-100 SOLID STATE LAMPS
More results

유사한 설명 - HLMP-1320-YS000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com