전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4225G-TR 데이터시트(PDF) 11 Page - Rohm

부품명 BU4225G-TR
상세설명  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4225G-TR 데이터시트(HTML) 11 Page - Rohm

Back Button BU4225G-TR Datasheet HTML 7Page - Rohm BU4225G-TR Datasheet HTML 8Page - Rohm BU4225G-TR Datasheet HTML 9Page - Rohm BU4225G-TR Datasheet HTML 10Page - Rohm BU4225G-TR Datasheet HTML 11Page - Rohm BU4225G-TR Datasheet HTML 12Page - Rohm BU4225G-TR Datasheet HTML 13Page - Rohm BU4225G-TR Datasheet HTML 14Page - Rohm BU4225G-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Datasheet
11/13
BU42xx series
BU43xx series
TSZ02201-0R7R0G300050-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
03.Feb.2014 Rev.008
www.rohm.com
TSZ22111・15・001
●Circuit Applications
1) Examples of common power supply detection reset circuits
Application examples of BU42xx series
(Open Drain output type) and BU43xx series
(CMOS output type) are shown below.
CASE1: Power supply of microcontroller (VDD2) differs
from the power supply of the reset detection (VDD1).
Use an open drain output Type (BU42xx series) device
with a load resistance RL as shown Fig.18.
CASE2: Power supply of microcontroller (VDD1) is the
same as the power supply of the reset detection (VDD1).
Use a CMOS output type (BU43xx series) device or an
open drain output type (BU42xx series) device with a pull
up resistor between the output and VDD1.
When a capacitance CL for noise filtering is connected to
VouT pin (the reset signal input terminal of the
microcontroller), please take into account the waveform
of the rise and fall time of the output voltage (VouT).
2) The following is an example of a circuit application in which an OR connection between two types of detection voltage
resets the microcontroller.
To reset the microcontroller when many independent power supplies are used in the system, OR connect an open drain
output type (BU42xx series) to the microcontroller’s input with pull-up resistor to the supply voltage of the microcontroller
(VDD3) as shown in Fig. 20. By pulling-up to VDD3, output “High” voltage of micro-controller power supply is possible.
VDD1
BU43xx
CIN
GND
CT
RST
CL
(Capacitor for
noise filtering)
Micro
controller
Fig.19 CMOS Output type
VDD1
BU42xx
VDD2
GND
RST
CL
(Capacitor for
noise filtering)
CT
RL
CIN
Micro
controller
Fig.18 Open Drain Output type
VDD1
VDD3
GND
RST
microcontroller
CT
RL
VDD2
CT
BU42xx
NO.1
BU42xx
NO.2
Fig.20


유사한 부품 번호 - BU4225G-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BU4225G-TR ROHM-BU4225G-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4225G-TR ROHM-BU4225G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

유사한 설명 - BU4225G-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BU4227F-TR ROHM-BU4227F-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XXG ROHM-BU42XXG_09 Datasheet
369Kb / 12P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com