전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB01-05Q 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 SB01-05Q
상세설명  Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB01-05Q 데이터시트(HTML) 2 Page - ON Semiconductor

  SB01-05Q Datasheet HTML 1Page - ON Semiconductor SB01-05Q Datasheet HTML 2Page - ON Semiconductor SB01-05Q Datasheet HTML 3Page - ON Semiconductor SB01-05Q Datasheet HTML 4Page - ON Semiconductor SB01-05Q Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SB01-05Q
No.2932-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=50μA50
V
Forward Voltage
VF
IF=100mA
0.55
V
Reverse Current
IR
VR=25V
15
μA
Interterminal Capacitance
C
VR=10V, f=1MHz
4.4
pF
Reverse Recovery Time
trr
IF=IR=10mA, See specified Test Circuit.
10
ns
trr Test Circuit
Ordering Information
Device
Package
Shipping
memo
SB01-05Q-TL-E
MCP
3,000pcs./reel
Pb Free
Duty
10%
50
Ω
100
Ω
10
Ω
5V
trr
10
μs
IF -- VF
IR -- VR
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Reverse Voltage, VR -- V
C -- VR
IS -- t
Time, t -- s
10
20
30
40
50
60
70
2
5
2
5
2
5
2
5
1000
100
10
1.0
2
5
0.1
0.01
0
ID00266
0.2
0.3
0.4
0.5
0.7
0.6
0.1
0
ID00265
Ta=125°C
100°C
25
°C
50
°C
75
°C
2
1.0
10
3
7
5
2
3
5
7
5
2
2
1.0
10
3
7
5
100
3
7
5
2
3
5
23
5
7
1.0
10
23
5
7
100
2
1.0
32
3
57
2
7
0.1
35
7
0.01
ID00267
0
0.4
0.8
2.0
2.4
1.2
1.6
2.8
ID00268
IS
20ms
t
f=1MHz
Current waveform 50Hz sine wave


유사한 부품 번호 - SB01-05Q

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB01-05Q SANYO-SB01-05Q Datasheet
51Kb / 2P
   50V, 100mA Rectifier
More results

유사한 설명 - SB01-05Q

제조업체부품명데이터시트상세설명
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com