전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC21020F 데이터시트(PDF) 1 Page - ATMEL Corporation

부품명 TSC21020F
상세설명  Off-Chip Harvard Architecture Maximizes Signal Processing Performance
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC21020F 데이터시트(HTML) 1 Page - ATMEL Corporation

  TSC21020F_14 Datasheet HTML 1Page - ATMEL Corporation TSC21020F_14 Datasheet HTML 2Page - ATMEL Corporation TSC21020F_14 Datasheet HTML 3Page - ATMEL Corporation TSC21020F_14 Datasheet HTML 4Page - ATMEL Corporation TSC21020F_14 Datasheet HTML 5Page - ATMEL Corporation TSC21020F_14 Datasheet HTML 6Page - ATMEL Corporation TSC21020F_14 Datasheet HTML 7Page - ATMEL Corporation TSC21020F_14 Datasheet HTML 8Page - ATMEL Corporation TSC21020F_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Rev. 4153I-AERO–04/07
1
Features
Superscalar IEEE Floating-Point-Processor
Off-Chip Harvard Architecture Maximizes Signal Processing Performance
50 ns, 20 MIPS Instruction Rate, Single Cycle Execution
60 MFLOPS Peak, 40 MFLOPS Sustained Performance
1024-Point Complex FFT Benchmark: 0.975 ms
Divide (y/x): 300 ns
Inverse Square Root (1/ /x): 450 ns
32-bit Single-Precision and 40-bit Extended-Precision IEEE Floating-Point Data
Formats
32-bit Fixed-Point Formats, Integer and Fractional, with 80-bit Accumulators
IEEE Exception Handling with Interrupt on Exception
Three Independent Computation Units: Multiplier, ALU, and Barrel Shifter
Dual Data Address Generators with Indirect, Immediate, Modulo, and Bit Reverse
Addressing Modes
Two Off-Chip Memory Transfers in Parallel with Instruction Fetch and Single-Cycle
Multiply and ALU Operations
Multiply with Add and Subtract for FFT Butterfly Computation
Efficient Program Sequencing with Zero Overhead Looping: Single-Cycle Loop Setup
Single-Cycle Register File Context Switch
23ns External RAM Access Time for Zero-Wait-State, 40 ns Instruction Execution
IEEE JTAG Standard 1149.1 Test Access Port and On-chip Emulation Circuitry
223 CPGA package for breadboarding
256 Multi-layer Quad Flat Pack, Flat Leads, For Flight Models
Fully compatible with Analog Devices ADSP-21020
No Single Event Latch-up below a LET Threshold of 80 MeV/mg/cm2
Tested up to a Total Dose of 100 krads (Si) according to MIL STD 883 Method 1019
SEU Error Note in GEO Orbit Better than 5E-7 Error/Device/Day (worst case)
For 25 MHz Specification, Contact Atmel for Availability
Quality Grades - ESCC with 9512/002 and QML-Q or V with 5962-99539
Introduction
Atmel is manufacturing a radiation hard version of the Analog Devices ADSP-21020
32/40-bit Floating-Point DSP.
The product is pin and code compatible with ADI product, making system develop-
ment straight forward and cost effective, using existing development tools and
algorithms.
Notes:
1. Design using patent from INPG-CNRS Denis BESSOT/Raoul VELAZCO
2. Product licensed from Analog Devices Inc.
Rad. Hard
32/40-bit IEEE
Floating Point
DSP
TSC21020F


유사한 부품 번호 - TSC21020F_14

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TSC21020F-20MA-E ATMEL-TSC21020F-20MA-E Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
TSC21020F-20MB-E ATMEL-TSC21020F-20MB-E Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
TSC21020F-20MC-E ATMEL-TSC21020F-20MC-E Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
TSC21020F-20MC-SV ATMEL-TSC21020F-20MC-SV Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
More results

유사한 설명 - TSC21020F_14

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
C8051F587 SILABS-C8051F587 Datasheet
95Kb / 1P
   Programmable gain maximizes input signal span
logo
Analog Devices
ADXL195 AD-ADXL195 Datasheet
79Kb / 2P
   High Performance Accelerometer with Dual Spectrum Signal Processing
Rev. SpA
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
logo
Samsung semiconductor
KA2135 SAMSUNG-KA2135 Datasheet
116Kb / 4P
   HORIZONTAL SIGNAL PROCESSING
logo
Toshiba Semiconductor
TC90195XBG TOSHIBA-TC90195XBG Datasheet
287Kb / 8P
   Video signal Processing
2017-04-03 Rev. 1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com