전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2434-C-FS 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SI2434-C-FS
상세설명  AT command set
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SI2434-C-FS 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SI2434-C-FS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI2434-C-FS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Highest Level of Integration
By integrating the DSP, modem controller, RAM
and ROM, the ISOmodem significantly reduces
the software development time and system
resources needed to implement a full-featured
modem.
Smallest Footprint
The ISOmodem is the smallest complete modem
solution on the market (<30 external components).
This eases PCB layout, procurement and
compliance while the smaller footprint allows for
more functions on a given PCB.
Proven, Robust Solution
Silicon Labs’ proven DAA technology gives the
ISOmodem excellent surge immunity and reliable
worldwide performance and compliance.
M2M Communications
The full suite of M2M communications capabilities
includes general-purpose ITU-T data protocols
with error correction and compression as well
as application specific functions such as Fast
Connect and security industry protocols. DTMF
detection and programmable tone detectors/
generators support custom protocols as well as
voice menus.
Excellent Voice Fidelity
When combined with the Si3000 voice codec, the
Si2494/39 supports half- or full-duplex speaker
phone, telephone answering machine, handset,
and voice menu functions. Advanced digital signal
processing optimizes audio fidelity for an elegant
end-user experience. CID Type 1 and 2 and SMS
round out the telephony feature set.
© 2011, Silicon Laboratories Inc. ISOmodem, Silicon Laboratories and the Silicon Labs logo are trademarks or registered trademarks of Silicon Laboratories Inc. All other product
or service names are the property of their respective owners. For the most up to date information please see your sales representative or visit our website at www.silabs.com.
WEB July 2011, Rev E SOL-ISO-2011E
SILICON LABORATORIES INC. | 400 W. CESAR CHAVEZ | AUSTIN, TX 78701 | 877-444-3032 | SILABS.COM/ISOMODEM
Compact Design with Fewest External Components
Si3018/10 global line-side
• Parallel handset detection
• 16-pin SOIC package
• Less than 35 external
components
ISOmodem Embedded Data Modems
PART NUMBER
MAX DATA RATE (bps)
LINE SIDE DEVICE
HOST INTERFACE
HANDSET, TAM AND
SPEAKERPHONE
ERROR CORRECTION/
DATA COMPRESION
PACKAGE
Si2401
2400
Si3010
UART
SOIC16
Si2404
2400
Si3010
SPI, UART or parallel
TSSOP24 or SOIC16
Si2415
14400
Si3018
SPI, UART or parallel
TSSOP24 or SOIC16
Si2434
33600
Si3018
SPI, UART or parallel
TSSOP24 or SOIC16
Si2439
33600
Si3018
SPI, UART or parallel
QFN38
Si2457
56000
Si3018
SPI, UART or parallel
TSSOP24 or SOIC16
Si2493
56000
Si3018
SPI, UART or parallel
TSSOP24 or SOIC16
Si2494
56000
Si3018
SPI, UART or parallel
QFN38
www.silabs.com/ISOmodem
ISOmodem® Solutions
MODEM S OLU TION S
TAM: Telephone Answering Machine


유사한 부품 번호 - SI2434-C-FS

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI2434-D-FS SKYWORKS-SI2434-D-FS Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
SI2434-D-FT SKYWORKS-SI2434-D-FT Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
SI2434-D-GT SKYWORKS-SI2434-D-GT Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
More results

유사한 설명 - SI2434-C-FS

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
UM1547 STMICROELECTRONICS-UM1547 Datasheet
523Kb / 51P
   Using the firmware of the AT command set
logo
SIMCom
SIM800 SIMCOM-SIM800 Datasheet
3Mb / 380P
   SIM800 Series AT Command Manual
2015-08-03
logo
Texas Instruments
TACT83000 TI-TACT83000 Datasheet
2Mb / 74P
[Old version datasheet]   AT CHIP SET
logo
ON Semiconductor
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
715Kb / 15P
   Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
logo
General Cable Technolog...
C1701 GENERAL-C1701 Datasheet
60Kb / 1P
   COMMAND SERIES
C1800 GENERAL-C1800 Datasheet
60Kb / 1P
   COMMAND SERIES
C1703 GENERAL-C1703 Datasheet
59Kb / 1P
   COMMAND SERIES
logo
Keysight Technologies
COMMANDEXPERT KEYSIGHT-COMMANDEXPERT Datasheet
2Mb / 9P
   Command Expert
logo
General Cable Technolog...
C1801 GENERAL-C1801 Datasheet
60Kb / 1P
   COMMAND SERIES
C1700 GENERAL-C1700 Datasheet
60Kb / 1P
   COMMAND SERIES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com